Electronic Components Datasheet Search
  English  ▼

X  

UDA1380 Datasheet(PDF) 41 Page - Integrated Circuit Systems

Part # UDA1380
Description  Stereo audio coder-decoder for MD, CD and MP3
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

UDA1380 Datasheet(HTML) 41 Page - Integrated Circuit Systems

Back Button UDA1380 Datasheet HTML 37Page - Integrated Circuit Systems UDA1380 Datasheet HTML 38Page - Integrated Circuit Systems UDA1380 Datasheet HTML 39Page - Integrated Circuit Systems UDA1380 Datasheet HTML 40Page - Integrated Circuit Systems UDA1380 Datasheet HTML 41Page - Integrated Circuit Systems UDA1380 Datasheet HTML 42Page - Integrated Circuit Systems UDA1380 Datasheet HTML 43Page - Integrated Circuit Systems UDA1380 Datasheet HTML 44Page - Integrated Circuit Systems UDA1380 Datasheet HTML 45Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
2002 Sep 16
41
Philips Semiconductors
Product specification
Stereo audio coder-decoder
for MD, CD and MP3
UDA1380
11.9
Master mute, channel de-emphasis and mute
Table 43 Register address 13H
Table 44 Description of register bits
Table 45 De-emphasis selection bits
BIT
15
14
13
12
11
10
9
8
Symbol
−
MTM
−−
MT2
DE2_2
DE2_1
DE2_0
Default
0
1
0
0
1
0
0
0
BIT
7
6
5
4
3
2
1
0
Symbol
−−−−
MT1
DE1_2
DE1_1
DE1_0
Default
0
0
0
0
0
0
0
0
BIT
SYMBOL
DESCRIPTION
15
−
default value 0
14
MTM
Master mute. A 1-bit value to enable the digital mute for the master. When this
bit is logic 0: no soft mute of master. When this bit is logic 1: soft mute of
master. Default value 1.
13 and 12
−
default value 00
11
MT2
Channel 2 mute. A 1-bit value to enable the digital mute for channel 2. After
enabling the mixer, bit MT2 must be set to logic 0. When this bit is logic 0: no
soft mute of channel 2. When this bit is logic 1: soft mute of channel 2 (default
value 1, meaning that channel 2 is always muted, even when the mixer is
enabled).
10 to 8
DE2_[2:0]
De-emphasis. A 3-bit value to enable the digital de-emphasis filter for
channel 1 and 2. Default value 000, see Table 45.
7to4
−
default value 0000
3
MT1
Channel 1 mute. A 1-bit value to enable the digital mute for channel 1. When
this bit is logic 0: no soft mute of channel 1. When this bit is logic 1: soft mute
of channel 1. Default value 0.
2 to 0
DE1_[2:0]
De-emphasis. A 3-bit value to enable the digital de-emphasis filter for
channel 1 and 2. Default value 000, see Table 45.
DE2_2
DE1_2
DE2_1
DE1_1
DE2_0
DE1_0
FUNCTION
0
0
0
off (default)
0
0
1
32 kHz
0
1
0
44.1 kHz
0
1
1
48 kHz
1
0
0
96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com