Electronic Components Datasheet Search
  English  ▼

X  

UDA1380 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # UDA1380
Description  Stereo audio coder-decoder for MD, CD and MP3
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

UDA1380 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button UDA1380 Datasheet HTML 2Page - Integrated Circuit Systems UDA1380 Datasheet HTML 3Page - Integrated Circuit Systems UDA1380 Datasheet HTML 4Page - Integrated Circuit Systems UDA1380 Datasheet HTML 5Page - Integrated Circuit Systems UDA1380 Datasheet HTML 6Page - Integrated Circuit Systems UDA1380 Datasheet HTML 7Page - Integrated Circuit Systems UDA1380 Datasheet HTML 8Page - Integrated Circuit Systems UDA1380 Datasheet HTML 9Page - Integrated Circuit Systems UDA1380 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
2002 Sep 16
6
Philips Semiconductors
Product specification
Stereo audio coder-decoder
for MD, CD and MP3
UDA1380
Analog-to-digital converter (supply voltage 3.0 V)
Do
digital output level
at 0 dB setting; Vi(rms) = 1.0 V
−−1
−
dBFS
(THD+N)/S48 total harmonic distortion-
plus-noise to signal ratio at
fs =48kHz
at
−1 dBFS
−−85
−
dB
at
−60 dBFS; A-weighted
−−37
−
dB
S/N48
signal-to-noise ratio at
fs =48kHz
Vi = 0 V; A-weighted
−
97
−
dB
αcs
channel separation
−
100
−
dB
LNA input plus analog-to-digital converter (supply voltage 3.0 V)
Vi(rms)
input voltage (RMS value)
at 0 dBFS digital output; 2.2 k
Ω
source impedance
−−
35
mV
(THD+N)/S48 total harmonic
distortion-plus-noise to
signal ratio at fs = 48 kHz
at 0 dB
−−74
−
dB
at
−60 dB; A-weighted
−−25
−
dB
S/N48
signal-to-noise ratio at
fs =48kHz
Vi = 0 V; A-weighted
−
85
−
dB
α
cs
channel separation
−
70
−
dB
Digital-to-analog converter (supply voltage 3.0 V)
Vo(rms)
output voltage (RMS value)
at 0 dBFS digital input; note 1
−
0.9
−
V
(THD+N)/S48 total harmonic
distortion-plus-noise to
signal ratio at fs = 48 kHz
at 0 dB
−−88
−
dB
at
−60 dB; A-weighted
−−40
−
dB
(THD+N)/S96 total harmonic
distortion-plus-noise to
signal ratio at fs = 96 kHz
at 0 dB
−−80
−
dB
at
−60 dB; A-weighted
−−37
−
dB
S/N48
signal-to-noise ratio at
fs =48kHz
code = 0; A-weighted
−
100
−
dB
S/N96
signal-to-noise ratio at
fs =96kHz
code = 0; A-weighted
−
97
−
dB
αcs
channel separation
−
90
−
dB
AVC (line input via ADC input; output on line output and headphone driver; supply voltage 3.0 V)
Vi(rms)
input voltage (RMS value)
−
150
−
mV
(THD+N)/S48 total harmonic
distortion-plus-noise to
signal ratio at fs = 48 kHz
at 0 dB
−−80
−
dB
at
−60 dB; A-weighted
−−28
−
dB
S/N48
signal-to-noise ratio at
fs =48kHz
Vi = 0 V; A-weighted
−
87
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com