Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4131 Datasheet HTML 3Page - Texas Instruments THS4131 Datasheet HTML 4Page - Texas Instruments THS4131 Datasheet HTML 5Page - Texas Instruments THS4131 Datasheet HTML 6Page - Texas Instruments THS4131 Datasheet HTML 7Page - Texas Instruments THS4131 Datasheet HTML 8Page - Texas Instruments THS4131 Datasheet HTML 9Page - Texas Instruments THS4131 Datasheet HTML 10Page - Texas Instruments THS4131 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
−8
−3
2
CL = 10 pF
SMALL SIGNAL FREQUENCY RESPONSE
(VARIOUS CL)
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 1,
RL = 800 Ω,
VCC = ± 5 V,
VI = 63 mVPP,
Rf = 390 Ω
CL = 0 pF
−7
−6
−5
−4
−2
−1
−0
1
3
4
5
Figure 6
−1
−0.5
0
0.5
−0.5
0
0.5
1
0
0.2
0.4
0.6
LARGE SIGNAL TRANSIENT RESPONSE
(DIFFERENTIAL IN/SINGLE OUT)
t − Time −
µs
VO+
VO−
VI (Diff)
0.1
0.3
0.5
Figure 7
−25
−20
−15
−10
−5
0
5
100 k
10 M
100 M
1 G
1 M
VCC = ± 5 V
VCC = ± 15 V
VCC = 5 V
Gain = 1
Rf = 390 Ω,
RL = 800 Ω,
CF = 0 pF,
VI = 0.2 VRMS
f − Frequency − Hz
LARGE SIGNAL FREQUENCY RESPONSE
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
COMMON MODE REJECTION RATIO
vs
FREQUENCY
100 k
1 M
10 M
100 M
f − Frequency − Hz
Rf = 1 kΩ,
VCC = ± 5 V
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com