Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131 Datasheet(HTML) 4 Page - Texas Instruments

  THS4131 Datasheet HTML 1Page - Texas Instruments THS4131 Datasheet HTML 2Page - Texas Instruments THS4131 Datasheet HTML 3Page - Texas Instruments THS4131 Datasheet HTML 4Page - Texas Instruments THS4131 Datasheet HTML 5Page - Texas Instruments THS4131 Datasheet HTML 6Page - Texas Instruments THS4131 Datasheet HTML 7Page - Texas Instruments THS4131 Datasheet HTML 8Page - Texas Instruments THS4131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted) (continued)†
noise performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vn
Input voltage noise
f = 10 kHz
1.3
nV/
√Hz
In
Input current noise
f = 10 kHz
1
pA/
√Hz
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Open loop gain
TA = 25°C
71
78
dB
Open loop gain
TA = full range
69
dB
Input offset voltage
TA = 25°C
0.2
2
V(OS)
Input offset voltage
TA = full range
3
mV
V(OS)
Common mode input offset voltage, referred to VOCM
TA = 25°C
0.2
3.5
mV
Input offset voltage drift
TA = full range
4.5
µV/°C
IIB
Input bias current
TA = full range
2
6
µA
IOS
Input offset current
TA = full range
100
500
nA
IOS
Offset drift
TA = full range
2
nA/
°C
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMRR
Common-mode rejection ratio
TA = full range
80
95
dB
VICR
Common-mode input voltage range
− 3.77
− 4 to
V
VICR
Common-mode input voltage range
− 3.77
to 4.3
− 4 to
4.5
V
RI
Input resistance
Measured into each input terminal
34
M
Ω
CI
Input capacitance, closed loop
4
pF
ro
Output resistance
Open loop
41
Ω
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V
TA = 25°C
1.2 to 3.8
0.9 to 4.1
VCC = 5 V
TA = full range
1.3 to 3.7
Output voltage swing
VCC = ± 5 V
TA = 25°C
±3.7
±4
V
Output voltage swing
VCC = ± 5 V
TA = full range
±3.6
V
VCC = ± 15 V
TA = 25°C
±10.5
±12.4
VCC = ± 15 V
TA = full range
±10.2
VCC = 5 V,
TA = 25°C
25
45
VCC = 5 V,
RL = 7 Ω
TA = full range
20
IO
Output current
VCC = ± 5 V,
TA = 25°C
30
55
mA
IO
Output current
VCC = ± 5 V,
RL = 7 Ω
TA = full range
28
mA
VCC = ± 15 V,
TA = 25°C
60
85
VCC = ± 15 V,
RL = 7 Ω
TA = full range
50
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com