Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4131 Datasheet HTML 7Page - Texas Instruments THS4131 Datasheet HTML 8Page - Texas Instruments THS4131 Datasheet HTML 9Page - Texas Instruments THS4131 Datasheet HTML 10Page - Texas Instruments THS4131 Datasheet HTML 11Page - Texas Instruments THS4131 Datasheet HTML 12Page - Texas Instruments THS4131 Datasheet HTML 13Page - Texas Instruments THS4131 Datasheet HTML 14Page - Texas Instruments THS4131 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−110
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
VCC = ± 5 V
VO = 4 VPP
RL = 800 Ω,
Rf = 390 Ω,
G = 1
THIRD HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − Hz
VCC = ± 15 V
Figure 20
Single Ended Input
Differential Output
Figure 21
−110
−100
−90
−80
−70
−60
−50
−40
−30
100 k
1 M
10 M
VCC = ± 5 V
VCC = ± 15 V
VCC = 5 V
VO = 2 VPP,
RL = 800 Ω,
Rf = 390 Ω,
Gain = 1
THIRD HARMONIC DISTORTION
vs
FREQUENCY
f − Frequency − Hz
Single Ended Input
Differential Output
Figure 22
−106
−104
−102
−100
−98
−96
−94
−92
−90
−88
01
2
3
45
67
VCC = ± 5 V
VCC = 5 V
f = 500 KHz
RL = 800 Ω,
Rf = 390 Ω,
G = 1
THIRD HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
VCC = ± 15 V
Single Ended Input
Differential Output
−106
−104
−102
−100
−98
−96
−94
−92
−90
−88
0
1
2
3
45
67
VCC = 5 V
VCC = ± 5 V
f = 250 KHz
RL = 800 Ω,
Rf = 390 Ω,
G = 1
THIRD HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
VCC = ± 15 V
Figure 23
Single Ended Input
Differential Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com