Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4131 Datasheet HTML 16Page - Texas Instruments THS4131 Datasheet HTML 17Page - Texas Instruments THS4131 Datasheet HTML 18Page - Texas Instruments THS4131 Datasheet HTML 19Page - Texas Instruments THS4131 Datasheet HTML 20Page - Texas Instruments THS4131 Datasheet HTML 21Page - Texas Instruments THS4131 Datasheet HTML 22Page - Texas Instruments THS4131 Datasheet HTML 23Page - Texas Instruments THS4131 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
theory of operation (continued)
Fully differential amplifiers may be viewed as two inverting amplifiers. In this case, the equation of an inverting
amplifier holds true for gain calculations. One advantage of fully differential amplifiers is that they offer twice as
much dynamic range compared to single-ended amplifiers. For example, a 1-VPP ADC can only support an input
signal of 1 VPP. If the output of the amplifier is 2 VPP, then it will not be practical to feed a 2-VPP signal into the
targeted ADC. Using a fully differential amplifier enables the user to break down the output into two 1-VPP signals
with opposite signs and feed them into the differential input nodes of the ADC. In practice, the designer has been
able to feed a 2-V peak-to-peak signal into a 1-V differential ADC with the help of a fully differential amplifier.
The final result indicates twice as much dynamic range. Figure 39 illustrates the increase in dynamic range. The
gain factor should be considered in this scenario. The THS413x fully differential amplifier offers an improved
CMRR and PSRR due to its symmetrical input and output. Furthermore, second harmonic distortion is
improved. Second harmonics tend to cancel because of the symmetrical output.
VOCM
_
+
_
+
VCC+
VIN−
VIN+
VO+
VO−
VOD= 1−0 = 1
VOD = 0−1 = −1
a
b
+1
0
+1
0
VCC−
Figure 39. Fully Differential Amplifier With Two 1-VPP Signals
Similar to the standard inverting amplifier configuration, input impedance of a fully differential amplifier is
selected by the input resistor, R(g). If input impedance is a constraint in design, the designer may choose to
implement the differential amplifier as an instrumentation amplifier. This configuration improves the input
impedance of the fully differential amplifier. The following schematic depicts the general format of
instrumentation amplifiers.
The general transfer function for this circuit is:
V
OD
V
IN1
–V
IN2
+
R
f
R
(g)
1
) 2R2
R1
_
+
_
+
_
+
THS4012
THS4012
VIN1
VIN2
R2
R1
R2
R(g)
R(g)
Rf
Rf
THS413x
Figure 40. Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com