Electronic Components Datasheet Search
  English  ▼

X  

THS4131 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131
Description  HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4131 Datasheet HTML 18Page - Texas Instruments THS4131 Datasheet HTML 19Page - Texas Instruments THS4131 Datasheet HTML 20Page - Texas Instruments THS4131 Datasheet HTML 21Page - Texas Instruments THS4131 Datasheet HTML 22Page - Texas Instruments THS4131 Datasheet HTML 23Page - Texas Instruments THS4131 Datasheet HTML 24Page - Texas Instruments THS4131 Datasheet HTML 25Page - Texas Instruments THS4131 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
THS4130, THS4131
HIGHSPEED, LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
SLOS318E − MAY 2000 − REVISED JANUARY 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
power-down mode
The power-down mode is used when power saving is required. The power-down terminal (PD) found on the
THS413x is an active low terminal. If it is left as a no-connect terminal, the device will always stay on due to an
internal 50 k
Ω resistor to VCC. The threshold voltage for this terminal is approximately 1.4 V above VCC−. This
means that if the PD terminal is 1.4 V above VCC−, the device is active. If the PD terminal is less than 1.4 V above
VCC−, the device is off. For example, if VCC− = −5 V, then the device is on when PD reaches −3.6 V, (−5 V +
1.4 V = −3.6 V). By the same calculation, the device is off below −3.6 V. It is recommended to pull the terminal
to VCC− in order to turn the device off. The following graph shows the simplified version of the power-down
circuit. While in the power-down state, the amplifier goes into a high impedance state. The amplifier output
impedance is typically greater than 1 M
Ω in the power-down state.
VCC
PD
VCC−
To Internal Bias
Circuitry Control
50 k
Ω
Figure 41. Simplified Power-Down Circuit
Due to the similarity of the standard inverting amplifier configuration, the output impedance appears to be very
low while in the power-down state. This is because the feedback resistor (Rf) and the gain resistor (R(g)) are
still connected to the circuit. Therefore, a current path is allowed between the input of the amplifier and the output
of the amplifier. An example of the closed loop output impedance is shown in Figure 42.
Figure 42
200
1200
2200
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
OUTPUT IMPEDANCE (IN POWER DOWN)
vs
FREQUENCY
VCC = ±5 V
G = 1
Rf = 1 kΩ
PD = VCC−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com