Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 47Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 48Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 49Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 50Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 51Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 52Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 53Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 54Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
51
GENERAL PURPOSE INPUT/OUTPUT
The WM8753L has four dual purpose input/output pins.
•
GP1/CLK1: General purpose output 1, or PLL1 clock output.
•
GP2/CLK2: General purpose output 2, or PLL2 clock output.
•
GPIO3: General purpose input/output 3 and control interface mode
selection input.
•
GPIO4: General purpose input/output 4, or head phone detection input.
•
GPIO5: General purpose input/output 5 and control interface chip/address
select input.
Pin 44 (MODE/GPIO3) is sampled on powerup to determine the control interface mode (2-wire or 3-
wire) of the WM8753L. After powerup pin 43 may be used as a GPIO, its use configurable using
GPIO3M[2:0].
Pin 45 (CSB/GPIO5) is also sampled on powerup. If 2-wire interface control mode is the value on pin
45 on powerup is used to select the 2-wire address. After powerup, if 2-wire mode is selected, pin 44
may be used as a GPIO, its use configurable using GPIO5M[1:0]. If 3-wire control interface mode is
selected pin 44 is always configured as an input and is used as the 3-wire interface latch signal.
Pin 43 (GPIO4) is a dedicated GPIO pin with TTL compatible input thresholds and CMOS output
thresholds relative to DBVDD, making it ideal for headphone detection. It also features an optional
pull-up/pull-down resistor. GPIO4M[2:0] is used to configure the GPIO4 pin.
Pins 13 and 14 (GP1/CLK1 and GP2/CLK2) are general purpose outputs and may be configured to
either output the PLL clock outputs or may be used as general purpose outputs. They are configured
using GP1M[2:0] and GP2M[2:0].
In 3-wire interface mode pin GPIO5/CSB cannot be used as a GPIO as it is used to latch the data.
Setting GPIO5M to 01, 10 or 11 will prevent the device from being written to in 3-wire mode.
GP2/CLK2 may be configured to output a clock at 256 x the ADC or Hi-Fi DAC sample rate frequency
(fs),
e.g. if DAC sample rate is set to 8kHz (SR = 00110) output clock will be 256 x 8kHz =
2.048MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com