Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 73Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 74Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 75Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 76Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 77Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 78Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 79Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 80Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
77
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voice ADC Filter
+/- 0.3dB
0
0.414fs
Passband
-14dB
0.5fs
Passband Ripple
+/- 0.3
dB
Stopband
0.53fs
Stopband Attenuation
f > 0.53fs
-30
dB
Group Delay
7/fs
Voice DAC Filter
+/- 0.3dB
0
0.414fs
Passband
-14dB
0.5fs
Passband Ripple
+/-0.3
dB
Stopband
0.53fs
Stopband Attenuation
f > 0.53fs
-30
dB
Group Delay
7/fs
Table 75 Voice Codec Digital Filter Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC High Pass Filter (HPMODE[1:0] = 00) (256fs, fs=48kHz)
-3dB
3.7
-0.5dB
10.4
High Pass Filter Corner
Frequency
-0.1dB
21.6
Hz
ADC High Pass Filter (HPMODE[1:0] = 01) (256fs, fs=16kHz)
-3dB
82
-0.5dB
203
High Pass Filter Corner
Frequency
-0.1dB
341
Hz
ADC High Pass Filter (HPMODE[1:0] = 10) (256fs, fs=8kHz)
-3dB
82
-0.5dB
185
High Pass Filter Corner
Frequency
-0.1dB
272
Hz
ADC High Pass Filter (HPMODE[1:0] = 11) (256fs, fs=8kHz)
-3dB
170
-0.5dB
321
High Pass Filter Corner
Frequency
-0.1dB
415
Hz
Table 76 ADC Highpass Filter Characteristics
TERMINOLOGY
1.
Stop Band Attenuation (dB) – the degree to which the frequency spectrum is attenuated (outside audio band)
2.
Pass-band Ripple – any variation of the frequency response in the pass-band region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com