Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 65Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 66Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 67Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 69Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 70Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
67
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:5
PLL1N
1000
Integer (N) part of PLL1 input/output
frequency ratio. Use values greater
than 5 and less than 13.
R54 (36h)
PLL1 Control (2)
3:0
PLL1K [21:18]
0011
R55 (37h)
PLL1 Control (3)
8:0
PLL1K [17:9]
024h
R56 (38h)
PLL1 Control (4)
8:0
PLL1K [8:0]
1Bah
Fractional
(K)
part
of
PLL1
input/output frequency ratio (treat as
one 22-digit binary number).
Table 63 PLL1 Frequency Ratio Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:5
PLL2N
1000
Integer (N) part of PLL2 input/output
frequency ratio. Use values greater
than 5 and less than 13.
R58 (3Ah)
PLL2 Control (2)
3:0
PLL2K [21:18]
0011
R59 (3Bh)
PLL2 Control (2)
8:0
PLL2K [17:9]
024h
R60 (3Ch)
PLL2 Control (3)
8:0
PLL2K [8:0]
1Bah
Fractional
(K)
part
of
PLL2
input/output frequency ratio (treat as
one 22-digit binary number)
Table 64 PLL2 Frequency Ratio Control
The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings
are shown below.
MCLK
(MHz)
(F1)
DESIRED
OUTPUT
(MHz)
F2
(MHz)
MCLK
DIV2
PLL
OUT
DIV2
CLK
OUT
DIV2
R
N
(Hex)
K
(Hex)
11.91
11.2896
90.3168
0
1
0
7.5833
7
25545F
11.91
12.288
98.304
0
1
0
8.2539
8
103FF8
12
11.2896
90.3168
0
1
0
7.5264
7
21B08A
12
12.288
98.304
0
1
0
8.192
8
C49BA
13
11.2896
90.3168
0
1
0
6.9474
6
3CA2F5
13
12.288
98.304
0
1
0
7.5618
7
23F54A
14.4
11.2896
90.3168
0
1
0
6.272
6
116873
14.4
12.288
98.304
0
1
0
6.8267
6
34E81B
19.2
11.2896
90.3168
1
1
0
9.408
9
1A1CAC
19.2
12.288
98.304
1
1
0
10.24
A
F5C29
19.68
11.2896
90.3168
1
1
0
9.1785
9
B6D25
19.68
12.288
98.304
1
1
0
9.9902
9
3F6028
19.8
11.2896
90.3168
1
1
0
9.1229
9
7DDBE
19.8
12.288
98.304
1
1
0
9.9297
9
3B8028
24
11.2896
90.3168
1
1
0
7.5264
7
21B08A
24
12.288
98.304
1
1
0
8.192
8
C49BA
26
11.2896
90.3168
1
1
0
6.9474
6
3CA2F5
26
12.288
98.304
1
1
0
7.5618
7
23F54A
27
11.2896
90.3168
1
1
0
6.6901
6
2C2B25
27
12.288
98.304
1
1
0
7.2818
7
1208A6
Table 65 PLL Frequency Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com