Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 66 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 65Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 66Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 67Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 69Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
66
5
CLK1SEL
0
CLKOUT1 select
0 : from MCLK pin
1 : from PLL1
4
CLK1DIV2
0
CLKOUT1 Divide by 2
0 : Divide by 2 disabled
1 : Divide by 2 enabled
3
MCLK1DIV2
0
MCLK Divide by 2
0 : Divide by 2 disabled
1 : Divide by 2 enabled
2
PLL1DIV2
0
PLL1 Output Divide by 2
0 : Divide disabled
1 : Divide enabled
1
PLL1RB
1
PLL1 reset
0 : PLL reset
1 : PLL active
R53 (35h)
PLL1
Control (1)
0
PLL1EN
0
PLL 1 Enable
0 : Disabled
1 : Enabled
5
CLK2SEL
0
CLKOUT2 select
0 : from MCLK pin
1 : from PLL2
4
CLK2DIV2
0
CLKOUT1 Divide by 2
0 : Divide by 2 disabled
1 : Divide by 2 enabled
3
MCLK2DIV2
0
MCLK Divide by 2
0 : Divide by 2 disabled
1 : Divide by 2 enabled
2
PLL2DIV2
0
PLL2 Output Divide by 2
0 : Divide disabled
1 : Divide enabled
1
PLL2RB
1
PLL2 reset
0 : PLL reset
1 : PLL active
R57 (39h)
PLL2
Control (1)
0
PLL2EN
0
PLL2 Enable
0 : Disabled
1 : Enabled
Table 62 PLL and Clocking Control
The PLL frequency ratio R = f2/f1 (see
Figure 26 ) can be set using K and N:
N = int R
K = int (2
22 (R-N))
Example:
mclk=12MHz, required clock = 12.288MHz.
R should be chosen to ensure 5 < N < 13. There is a divide by 4 and a selectable divide by 2 after the
PLL which should be set to meet this requirement. Enabling the divide by 2 sets the required f2 = 8 x
12.288MHz = 98.304MHz.
R = 98.304 / 12 = 8.192
N = int R = 8
k = int ( 2
22 x (8.192 – 8)) = 805306 = C49BAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com