Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
9
Test Conditions
DCVDD = 1.5V, AVDD = HPVDD = DBVDD = SPKRVDD = PLLVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Bias
Bias Voltage (MBVSEL=0)
VMICBIAS
-3%
0.9*AVDD
+3*%
V
Bias Voltage (MBVSEL=1)
VMICBIAS
-3%
0.75*AVDD
+3*%
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
√Hz
Digital Input / Output (excluding GPIO4)
Input HIGH Level
VIH
0.7
×DBVDD
V
Input LOW Level
VIL
0.3
×DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
×DBVDD
V
Output LOW Level
VOL
IOH-1mA
0.1
×DBVDD
V
GPIO4 Input
Input HIGH Level
VIH
1.4
V
Input LOW Level
VIL
0.8
V
TERMINOLOGY
1.
Hold Time is the length of time between a signal detected being too quiet and beginning to ramp up the gain. It does
not apply to ramping down the gain when the signal is too loud, which happens without a delay.
2.
Ramp-up and Ramp-Down times are defined as the time it takes for the PGA to sweep across 90% of its gain range.
3.
All hold, ramp-up and ramp-down times scale proportionally with MCLK
4.
Signal-to-noise ratio (dB) - SNR is a measure of the difference in level between the full scale output and the output
with no signal applied. (No Auto-zero or Automute function is employed in achieving these results).
5.
Dynamic range (dB) - DR is a measure of the difference between the highest and lowest portions of a signal. Normally
a THD+N measurement at 60dB below full scale. The measured signal is then corrected by adding the 60dB to it. (e.g.
THD+N @ -60dB= -32dB, DR= 92dB).
6.
THD+N (dB) - THD+N is a ratio, of the rms values, of (Noise + Distortion)/Signal.
7.
Channel Separation (dB) - Also known as Cross-Talk. This is a measure of the amount one channel is isolated from
the other. Normally measured by sending a full scale signal down one channel and measuring the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com