Electronic Components Datasheet Search
  English  ▼

X  

WM8753L Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 61Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 62Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 63Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 64Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 65Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 66Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 67Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 68Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
65
MASTER CLOCK AND PHASE LOCKED LOOP
The WM8753L has two on-chip phase-locked loop (PLL) circuits that can be used to:
•
Generate master clocks for the WM8753L audio functions from another external clock,
e.g. in telecoms applications.
•
Generate a clock for another part of the system from an existing audio master clock
.
The user must also select the clock for the HiFi DAC, ADC and Voice DAC. The ADC and Voice DAC
are always clocked from the same clock source. The HiFi DAC may be clocked from the same or
different clock source to the ADC and Voice DAC. For HiFi Codec operation, when the ADC is
selected for high quality record, the ADC and DAC must be clocked from the same clock source. The
PLL and clock select circuit is shown below.
Figure 26 PLL and Clock Select Circuit
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:6
PCMDIV[2:0]
000
Control PCM clock divider
000 = divide by 1 (disable)
001 = Unused
010 = Divide by 3
011 = Divide by 5.5
100 = Divide by 2
101 = Divide by 4
110 = Divide by 6
111 = Divide by 8
4
MCLKSEL
0
Select internal master clock for HiFi
Codec
0: from MCLK pin
1: from PLL1 (ensure PLL1EN=1)
3
PCMCLKSEL
0
Select
internal
master
clock
for
Voice Codec
0: from PCMCLK pin
1: from PLL2 (ensure PLL2EN=1)
2
CLKEQ
1
Select clock for Voice Codec
0: PCMCLK or PLL2 clock
1: same as HiFi DAC (MCLK or
PLL1 clock)
1
GP1CLK1SEL
0
GP1CLK1 select
0 = GP1 output
1 = CLK1 output
R52 (34h)
Clock Control
0
GP2CLK2SEL
0
GP2/CLK2 select
0 = GP2 output
1 = CLK2 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com