Electronic Components Datasheet Search
  English  ▼

X  

ML30.241 Datasheet(PDF) 17 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 17 Page - PULS GmbH

Back Button ML30.241 Datasheet HTML 13Page - PULS GmbH ML30.241 Datasheet HTML 14Page - PULS GmbH ML30.241 Datasheet HTML 15Page - PULS GmbH ML30.241 Datasheet HTML 16Page - PULS GmbH ML30.241 Datasheet HTML 17Page - PULS GmbH ML30.241 Datasheet HTML 18Page - PULS GmbH ML30.241 Datasheet HTML 19Page - PULS GmbH ML30.241 Datasheet HTML 20Page - PULS GmbH ML30.241 Datasheet HTML 21Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
21. ACCESSORY
21.1. MLY10.241 - REDUNDANCY MODULE
The MLY10.241 is a dual redundancy module, which has two diodes with
a common cathode included. It can be
used for various purposes. The most
popular application is to configure
highly reliable and true redundant
power supply systems. Another
interesting application is the
separation of sensitive loads from non-
sensitive loads. This avoids the
distortion of the power quality for the
sensitive loads which can cause
controller failures.
MLY10
IN 1
+ - + -
L
N
ML30.241
L
N
Output
Input
+ +
-
ML30.241
L
N
Output
Input
+ +
-
Output
Load
+
- -
+ -
IN 2
Voltage
Monitor
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com