Electronic Components Datasheet Search
  English  ▼

X  

ML30.241 Datasheet(PDF) 19 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 19 Page - PULS GmbH

Back Button ML30.241 Datasheet HTML 15Page - PULS GmbH ML30.241 Datasheet HTML 16Page - PULS GmbH ML30.241 Datasheet HTML 17Page - PULS GmbH ML30.241 Datasheet HTML 18Page - PULS GmbH ML30.241 Datasheet HTML 19Page - PULS GmbH ML30.241 Datasheet HTML 20Page - PULS GmbH ML30.241 Datasheet HTML 21Page - PULS GmbH ML30.241 Datasheet HTML 22Page - PULS GmbH ML30.241 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
22.3. CHARGING OF BATTERIES
The power supply can be used to charge lead-acid or maintenance free batteries. (Two 12V batteries in series)
Instructions for charging batteries (float charging):
a)
Ensure that the ambient temperature of the power supply is below 45°C
b)
Set output voltage (measured at no load and at the battery end of the cable) very precisely to the end-of-charge
voltage.
End-of-charge voltage
27.8V
27.5V
27.15V
26.8V
Battery temperature
10°C
20°C
30°C
40°C
c)
Use a 2A circuit breaker (or blocking diode) between the power supply and the battery.
d)
Ensure that the output current of the power supply is below the allowed charging current of the battery.
e)
Use only matched batteries when putting 12V types in series.
f)
The return current to the power supply (battery discharge current) is typical 9mA when the power supply is
switched off (except in case a blocking diode is utilized).
22.4. EXTERNAL INPUT PROTECTION
The unit is tested and approved for branch circuits up to 20A. An external protection is only required, if the supplying
branch has an ampacity greater than this. Check also local codes and local requirements. In some countries local
regulations might apply.
If an external fuse is necessary or utilized, minimum requirements need to be considered to avoid nuisance tripping of
the circuit breaker. A minimum value of 6A B- or 3A C-Characteristic breaker should be used.
22.5. PARALLEL USE TO INCREASE OUTPUT POWER
ML30.241 power supplies can be paralleled to increase the output power. This
power supply has no feature included which balances the load current
between the power supplies. Usually the power supply with the higher
adjusted output voltage draws current until it goes into current limitation. This
means no harm to this power supply as long as the ambient temperature stays
below 45°C. The ML30.241 can also be paralleled with other power supplies
from MiniLine series with 24V output voltage. The output voltages of all
power supplies shall be adjusted to the same value (±100mV). A fuse or diode
on the output of each unit is only required if more than three units are connected in parallel. If a fuse (or circuit
breaker) is used, choose one with approximately 150% of the rated output current of one power supply. Keep an
installation clearance of 15mm (left / right) between two power supplies and avoid installing the power supplies on
top of each other. Do not use power supplies in parallel in mounting orientations other than the standard mounting
orientation (input terminals on the bottom and output terminals on top of the unit). Be aware that leakage current,
EMI, inrush current and harmonics will increase when using multiple power supplies in parallel.
Unit A
AC
DC
Unit B
AC
DC
-
+
-
+
Load
+
-
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com