Electronic Components Datasheet Search
  English  ▼

X  

ML30.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 4 Page - PULS GmbH

  ML30.241 Datasheet HTML 1Page - PULS GmbH ML30.241 Datasheet HTML 2Page - PULS GmbH ML30.241 Datasheet HTML 3Page - PULS GmbH ML30.241 Datasheet HTML 4Page - PULS GmbH ML30.241 Datasheet HTML 5Page - PULS GmbH ML30.241 Datasheet HTML 6Page - PULS GmbH ML30.241 Datasheet HTML 7Page - PULS GmbH ML30.241 Datasheet HTML 8Page - PULS GmbH ML30.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
-15% / +10%, TN/TT/IT-mains
AC input range
85-264Vac
continuous operation
264–300Vac
< 0.5s
Allowed voltage L or N to earth
max.
264Vac or 375Vdc
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
46Vac
see Fig. 3-1
Shut-down voltage
typ.
44Vac
see Fig. 3-1
AC 100V
AC 120V
AC 230V
Input current (rms)
typ.
0.63A
0.54A
0.3A
at 24V, 1.3A see Fig. 3-3
Power factor *)
typ.
0.55
0.52
0.49
at 24V, 1.3A see Fig. 3-4
Crest factor **)
typ.
3.1
3.3
3.9
at 24V, 1.3A
Start-up delay
typ.
90ms***)
90ms***)
90ms***)
see Fig. 3-2
Rise time
typ.
40ms
40ms
40ms
at 24V, 1.3A, 0mF, see Fig. 3-2
typ.
90ms
90ms
100ms
at 24V, 1.3A, 1.3mF
Turn-on overshoot
max.
250mV
250mV
250mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
***) At low temperatures, start-up attempts may occur which extends the start-up delay
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
45V
300Vac
264V
2V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load at 24V
1.3A
0.3
0.5
0.9
0
0
0.2
0.7A
Input Current, typ.
1.1
0.4
0.7
0.5
0.3
0.1
0.6
b
c
a
0.1
a) 100Vac
b) 120Vac
c) 230Vac
Output Current
1.3A
0.3
0.5
0.7
1.1
0.40
0.45
0.50
0.55
0.60
0.65
Power Factor, typ.
a) 100Vac
b) 120Vac
c) 230Vac
b
c
a
0.9
Output Current
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com