Electronic Components Datasheet Search
  English  ▼

X  

ML30.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button ML30.241 Datasheet HTML 4Page - PULS GmbH ML30.241 Datasheet HTML 5Page - PULS GmbH ML30.241 Datasheet HTML 6Page - PULS GmbH ML30.241 Datasheet HTML 7Page - PULS GmbH ML30.241 Datasheet HTML 8Page - PULS GmbH ML30.241 Datasheet HTML 9Page - PULS GmbH ML30.241 Datasheet HTML 10Page - PULS GmbH ML30.241 Datasheet HTML 11Page - PULS GmbH ML30.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
8. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
86.4%
88.0%
89.4%
at 24V, 1.3A (full load)
Power losses
typ.
0.3W
0.3W
0.4W
at 0A
typ.
2.2W
2.1W
2.3W
at 24V, 0.65A (half load)
typ.
4.9W
4.3W
3.7W
at 24V, 1.3A (full load)
Fig. 8-1
Efficiency vs. output current at 24V,
typ.
Fig. 8-2
Losses vs. output current at 24V,
typ.
Efficiency
0.1
84
85
86
87
88
89
90
83
91%
c
1.3A
0.5
0.7
1.1
Output Current
0.3
0.9
a: 100Vac
b: 120Vac
c: 230Vac
b
a
Power Losses
0
0.2
1.3A
0
2.0
3.0
5W
1.0
0.4
0.6
0.8
Output Current
1.0
c
a: 100Vac
b: 120Vac
c: 230Vac
b
a
4.0
Fig. 8-3
Efficiency vs. input voltage at 24V,
1.3A, typ.
Fig. 8-4
Losses vs. input voltage at 24V, 1.3A,
typ.
Efficiency
85
120
155
190
225 260Vac
84
85
86
87
Input Voltage
88
89
90%
Power Losses
3.0
3.5
4.0
4.5
5W
85
120
155
190
225 260Vac
Input Voltage
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com