Electronic Components Datasheet Search
  English  ▼

X  

ML30.241 Datasheet(PDF) 5 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 5 Page - PULS GmbH

  ML30.241 Datasheet HTML 1Page - PULS GmbH ML30.241 Datasheet HTML 2Page - PULS GmbH ML30.241 Datasheet HTML 3Page - PULS GmbH ML30.241 Datasheet HTML 4Page - PULS GmbH ML30.241 Datasheet HTML 5Page - PULS GmbH ML30.241 Datasheet HTML 6Page - PULS GmbH ML30.241 Datasheet HTML 7Page - PULS GmbH ML30.241 Datasheet HTML 8Page - PULS GmbH ML30.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
4. INPUT INRUSH CURRENT
A NTC limits the input inrush current after turn-on of the input voltage. The inrush current is input voltage and
ambient temperature dependent.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
max.
19Apeak
22Apeak
44Apeak
40°C ambient, cold start
typ.
15Apeak
18Apeak
35Apeak
40°C ambient, cold start
Inrush energy
typ.
0.15A2s
0.2A2s
1.0A2s
40°C ambient, cold start
Fig. 4-1 Input inrush current, typical behavior
Fig. 4-2 Input inrush current, zoom into first peak
Input Voltage
Input Current
Input Current
Input:
230Vac
Output:
24V, 1.3A
Ambient:
25°C
Upper curve:
Input current 5A/DIV
Lower curve:
Input voltage 500V/DIV
Time basis:
10ms / DIV
Input:
230Vac
Output:
24V, 1.3A
Ambient:
25°C
Input current
5A/DIV
Time basis:
400μs / DIV
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com