Electronic Components Datasheet Search
  English  ▼

X  

ML30.241 Datasheet(PDF) 7 Page - PULS GmbH

Part # ML30.241
Description  SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML30.241 Datasheet(HTML) 7 Page - PULS GmbH

Back Button ML30.241 Datasheet HTML 3Page - PULS GmbH ML30.241 Datasheet HTML 4Page - PULS GmbH ML30.241 Datasheet HTML 5Page - PULS GmbH ML30.241 Datasheet HTML 6Page - PULS GmbH ML30.241 Datasheet HTML 7Page - PULS GmbH ML30.241 Datasheet HTML 8Page - PULS GmbH ML30.241 Datasheet HTML 9Page - PULS GmbH ML30.241 Datasheet HTML 10Page - PULS GmbH ML30.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ML30.241
MiniLine-2
24V, 1.3A, SINGLE PHASE INPUT
6. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
41ms
66ms
285ms
at 24V, 0.65A, see Fig. 6-1
typ.
18ms
31ms
141ms
at 24V, 1.3A, see Fig. 6-1
Note: At no load, the hold-up time can be up to several seconds. The green DC-on lamp is also on during this time
Fig. 6-1 Hold-up time vs. input voltage
Fig. 6-2 Shut-down behavior, definitions
0
20
40
100
120ms
85
120
155
190
230Vac
Input Voltage
Hold-up Time
60
80
a) 24V 0.65A typ.
b) 24V 0.65Amin.
c) 24V 1.3A typ.
d) 24V 1.3A min.
a
b
c
d
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Input
Voltage
7. DC-INPUT
The power supply can also be supplied from a DC source. Use a battery or similar DC source. For other sources contact
PULS. Connect the + pole to L and the – pole to N. Connect the PE terminal to an earth wire or to the machine ground.
DC input
nom.
DC 110-300V
-20%/+25%
DC input range
min.
88-375Vdc
continuous operation, reduce output power according
Fig. 7-2 at voltages below 110Vdc
Allowed Voltage L/N to Earth
max.
375Vdc
IEC 62103
DC input current
typ.
0.31A / 0.12A
110Vdc / 300Vdc, at 24V, 1.3A
Turn-on voltage
typ.
60Vdc
steady state value
Shut-down voltage
typ.
35Vdc
steady state value
Fig. 7-1 Wiring for DC Input
Fig. 7-2 Allowable output current below
110Vdc input voltage
+
-
Load
L
N
PE
+
-
Power Supply
AC
DC
Battery
internal
fused
0
5
10
15
20
30W
85
95
105
115
135Vdc
Input Voltage Vdc
Output Power
25
125
(a)
(b)
(a) Ambient <60°C
(b) Ambient <45°C
Mar. 2013 / Rev. 1.2 DS-ML30.241-EN
All parameters are specified at 24V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com