Electronic Components Datasheet Search
  English  ▼

X  

ML50.100 Datasheet(PDF) 11 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 11 Page - PULS GmbH

Back Button ML50.100 Datasheet HTML 7Page - PULS GmbH ML50.100 Datasheet HTML 8Page - PULS GmbH ML50.100 Datasheet HTML 9Page - PULS GmbH ML50.100 Datasheet HTML 10Page - PULS GmbH ML50.100 Datasheet HTML 11Page - PULS GmbH ML50.100 Datasheet HTML 12Page - PULS GmbH ML50.100 Datasheet HTML 13Page - PULS GmbH ML50.100 Datasheet HTML 14Page - PULS GmbH ML50.100 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/20
17. ENVIRONMENT
Operational temperature
-10°C to +70°C (14°F to 158°F)
Reduce output power according to Fig. 17-1
Output de-rating
1.3W/°C
60-70°C (140°F to 158°F), see Fig. 17-1
Storage temperature
-40 to +85°C (-40°F to 185°F)
Storage and transportation
Humidity
5 to 95% r.H.
IEC 60068-2-30
Do not energize while condensation is present
Vibration sinusoidal
2-17.8Hz: ±1.6mm; 17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock
20g 6ms, 10g 11ms
3 bumps / direction, 18 bumps in total
IEC 60068-2-27
Altitude
0 to 6000m (0 to 20000ft)
Reduce output power or ambient
temperature above 2000m sea level.
Output de-rating (for altitude)
3W/1000m or 5°C/1000m
Above 2000m (6500ft), see Fig. 17-2
Over-voltage category
III
EN 50178, IEC 62103 altitudes < 2000m
II
Altitudes from 2000m to 6000m
Degree of pollution
2
EN 50178, IEC 62103, non conductive
Fig. 17-1 Output current vs. ambient temp.
Fig. 17-2 Output current vs. altitude, 24V
0
-10
0
20
40
70°C
0.4
0.8
1.2
1.6
2.0
2.4A
60
Ambient Temperature
Allowable Output
Current at 24V
0
0
2000
4000
6000m
0.4
0.8
1.2
1.6
2.0
2.4A
Altitude
A... Tamb < 60°C
B... Tamb < 50°C
C... Tamb < 40°C
A
B
C
Allowable Output
Current at 24V
The ambient temperature is defined 2cm below the unit.
18. PROTECTION FEATURES
Output protection
Electronically protected against overload, no-load and short-circuits
Output over-voltage protection
typ. 36V
max. 39V
In case of an internal power supply fault, a redundant
circuit limits the maximum output voltage. The output
shuts down and automatically attempts to restart.
Output over-current protection
electronically limited
see Fig. 10-1
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 2.5mm in diameter
E.g. screws, small parts
Over-temperature protection
not included
Input transient protection
MOV
Metal Oxide Varistor
Internal input fuse
T3.15A H.B.C.
Not user replaceable
Note: In case of a over-voltage, overload, no-load or short-circuit event, an audible noise may be heard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com