Electronic Components Datasheet Search
  English  ▼

X  

ML50.100 Datasheet(PDF) 3 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 3 Page - PULS GmbH

  ML50.100 Datasheet HTML 1Page - PULS GmbH ML50.100 Datasheet HTML 2Page - PULS GmbH ML50.100 Datasheet HTML 3Page - PULS GmbH ML50.100 Datasheet HTML 4Page - PULS GmbH ML50.100 Datasheet HTML 5Page - PULS GmbH ML50.100 Datasheet HTML 6Page - PULS GmbH ML50.100 Datasheet HTML 7Page - PULS GmbH ML50.100 Datasheet HTML 8Page - PULS GmbH ML50.100 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/20
5. AC-INPUT
AC input
nom.
AC 100-240V
Wide-range input, TN-, TT-, IT-Mains, see Fig. 5-1
AC input range
85-264Vac
Continuous operation
60-85Vac
Full power for 200ms, no damage between 0 and 85Vac
264-300Vac
< 0.5s
Input frequency
nom.
50 – 60Hz
±6%
Turn-on voltage
typ.
65Vac
Steady-state value, see Fig. 5-1
Shut-down voltage
typ.
55Vac
Steady-state value, see Fig. 5-1
AC 100V
AC 120V
AC 230V
Input current
typ.
0.91A
0.77A
0.47A
at 24V, 2.1A see Fig. 5-3
Power factor *)
typ.
0.58
0.56
0.52
at 24V, 2.1A see Fig. 5-1
Crest factor **)
typ.
3.05
3.26
3.91
at 24V, 2.1A
Start-up delay
typ.
32ms
32ms
32ms
See Fig. 5-2
Rise time
typ.
33ms
33ms
48ms
0mF, 24V, 2.1A, see Fig. 5-2
typ.
45ms
45ms
60ms
2mF, 24V, 2.1A, see Fig. 5-2
Turn-on overshoot
max.
400mV
400mV
400mV
See Fig. 5-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 5-1 Input voltage range
Fig. 5-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
60V
300Vac
full
power
for
200ms
264V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Intput
Voltage
Fig. 5-3 Input current vs. output load
Fig. 5-4 Power Factor vs. output load
2.1A
0.1
0.5
0.9
1.3
0
0.2
0.4
1.0A
Input Current, typ.
1.7
Output Current
0.6
0.8
a) 100Vac
b) 120Vac
c) 230Vac
b
c
a
2.1A
0.1
0.5
0.9
1.3
0.4
0.45
1.7
Output Current
0.5
0.55
0.6
0.65
Power Factor, typ.
a) 100Vac
b) 120Vac
c) 230Vac
b
c
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com