Electronic Components Datasheet Search
  English  ▼

X  

ML50.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 1 Page - PULS GmbH

  ML50.100 Datasheet HTML 1Page - PULS GmbH ML50.100 Datasheet HTML 2Page - PULS GmbH ML50.100 Datasheet HTML 3Page - PULS GmbH ML50.100 Datasheet HTML 4Page - PULS GmbH ML50.100 Datasheet HTML 5Page - PULS GmbH ML50.100 Datasheet HTML 6Page - PULS GmbH ML50.100 Datasheet HTML 7Page - PULS GmbH ML50.100 Datasheet HTML 8Page - PULS GmbH ML50.100 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
1/20
POWER SUPPLY
■
AC 100-240V Wide Range Input
■
NEC Class 2 Compliant
■
Adjustable Output Voltage
■
Efficiency up to 89%
■
Compact Design, Width only 45mm
■
Full Output Power Between -10°C and +60°C
■
DC-OK Signal Included
■
Large International Approval Package
■
DIN-Rail Bracket for Wall or Panel Mount Included
■
3 Year Warranty
1. GENERAL DESCRIPTION
2. SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24-28V
Output current
2.1–1.8A
24-28V
Output power
50W
Output ripple
< 50mVpp
20Hz to 20MHz
Input voltage
AC 100-240V
Wide Range Input
Mains frequency
50-60Hz
±6%
AC Input current
typ. 0.77 / 0.44A
at 120 / 230Vac
Power factor
typ. 0.56 / 0.52
at 120 / 230Vac
AC Inrush current
17 / 35A
typ. peak value
at 120 / 230Vac
40°C and cold start
DC Input
85-375Vdc
Efficiency
typ. 88.4 / 89.0% at 120 / 230Vac
Losses
typ. 6.6 / 6.2W
at 120 / 230Vac
Temperature range -10°C to +70°C
operational
Derating
1.3W/°C
+60 to +70°C
Hold-up time
typ. 35 / 190ms
at 120 / 230Vac
Dimensions
45x75x91mm
WxHxD
A compact size, light weight, simple mounting on
the DIN-rail and the quick connect spring-clamp
terminals are what makes the MiniLine power
supplies so easy to use and installs in seconds.
A rugged electrical and mechanical design as well as
a high immunity against electrical disturbances on
the mains provides reliable output power. This offers
superior
protection
for
equipment
which
is
connected to the public mains network or is exposed
to a critical industrial environment.
The MiniLine series offers output voltages from 5 to
56Vdc and a power rating of up to 100W. A DC-OK
signal allows remote diagnostics.
The
supplementary
MiniLine
decoupling
diode
module MLY02.100 allows building of redundant
systems or to protect against back-feed voltages.
ML50.100
ML100.100
ML50.109
ML100.200
ML50.101
ML30.100
ML50.111
Less
power
Conformal
coating
24V MiniLine
Related products
380-480V
input
Parallel use
option
More
power
Screw
terminals
For other output voltages or
output power see catalog
3. ORDER NUMBERS
4. MARKINGS
Power Supply
ML50.100
Standard unit
ML50.109
Conformal coated unit
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Accessory
MLY02.100
Decoupling /
Redundancy module
NEC Class 2
&
Medical
approval
GL
Marine
EMC, LVD


Similar Part No. - ML50.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML50.102 PULS-ML50.102 Datasheet
403Kb / 2P
NEC Class 2 Power Supply
ML50.105 PULS-ML50.105 Datasheet
219Kb / 2P
NEC Class 2 Power Supply
More results

Similar Description - ML50.100

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.241 PULS-CP10.241 Datasheet
772Kb / 27P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com