Electronic Components Datasheet Search
  English  ▼

X  

ML50.100 Datasheet(PDF) 5 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 5 Page - PULS GmbH

  ML50.100 Datasheet HTML 1Page - PULS GmbH ML50.100 Datasheet HTML 2Page - PULS GmbH ML50.100 Datasheet HTML 3Page - PULS GmbH ML50.100 Datasheet HTML 4Page - PULS GmbH ML50.100 Datasheet HTML 5Page - PULS GmbH ML50.100 Datasheet HTML 6Page - PULS GmbH ML50.100 Datasheet HTML 7Page - PULS GmbH ML50.100 Datasheet HTML 8Page - PULS GmbH ML50.100 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/20
8. HOLD-UP TIME
AC 100V
AC 120V
AC 230V
Hold-up Time
typ.
54ms
82ms
360ms
1.05A, 24V, see Fig. 8-1
typ.
26ms
40ms
180ms
2.1A, 24V, see Fig. 8-1
Fig. 8-1 Hold-up time vs. input voltage
Fig. 8-2 Shut-down behavior, definitions
0
20
40
100
120ms
85
120
155
190
230Vac
Input Voltage
Hold-up Time
60
80
a) 24V 1.05A typ.
b) 24V 1.05Amin.
c) 24V 2.1A typ.
d) 24V 2.1A min.
a
b
c
d
- 5%
Hold-up Time
Zero Transition
Output
Voltage
Intput
Voltage
Note: At no load, the hold-up time can be up to several seconds. The green DC-ok lamp is also on during this time.
9. DC-OK OUTPUT
This feature monitors the output voltage, which is present on the output terminals.
The signal is a source output which can feed loads up to 30mA. Loads can be a 24V relay (Rcoil < 700Ohm), a LED or
the input of a PLC system. The relays operates or the LED is on if output voltage exceeds the threshold level. A free-
wheeling diode (necessary when the load is a relay) is already included in the power supply.
Threshold value
20V +/-4%
Output current
min.
30mA
For typical values see Fig. 9-2
Output voltage
min
Vout – 1V
at 30mA
The open collector is internally linked to the positive output pole. The
DC-OK voltage is approximately the output voltage if the output voltage
is higher than the threshold level.
Fig. 9-1 DC-ok wiring diagram
Fig. 9-2 Output characteristic DC-OK signal
+ +
MiniLine
DC
ok
- -
24-28V
N L
DC-ok
Relay
LED
DC-OK Voltage
0
010
20
4
8
12
28V
16
20
24
40mA
25
15
5
30
35
DC-OK Current
-
DC
OK
-
+
+
ML50
V
A
Load
Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com