Electronic Components Datasheet Search
  English  ▼

X  

ML50.100 Datasheet(PDF) 4 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 4 Page - PULS GmbH

  ML50.100 Datasheet HTML 1Page - PULS GmbH ML50.100 Datasheet HTML 2Page - PULS GmbH ML50.100 Datasheet HTML 3Page - PULS GmbH ML50.100 Datasheet HTML 4Page - PULS GmbH ML50.100 Datasheet HTML 5Page - PULS GmbH ML50.100 Datasheet HTML 6Page - PULS GmbH ML50.100 Datasheet HTML 7Page - PULS GmbH ML50.100 Datasheet HTML 8Page - PULS GmbH ML50.100 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/20
6. INPUT INRUSH CURRENT SURGE
A NTC limits the input inrush current after turn-on of the input voltage. The inrush current is input voltage and
ambient temperature dependent.
AC 100V
AC 120V
AC 230V
Inrush current
max.
18A
peak
23A
peak
48A
peak
40°C ambient, cold start
typ.
14A
peak
17A
peak
35A
peak
40°C ambient, cold start
Inrush energy
typ.
0.3A
2s
0.4A
2s
1.5A
2s
40°C ambient, cold start
Fig. 6-1 Input inrush current, typical behavior
Fig. 6-2 Input inrush current, zoom into the first peak
Output Voltage
Input Voltage
Input Current
Input Current
Input:
230Vac
Output:
24V, 2.1A
Ambient:
40°C
Upper curve:
Input current 20A / DIV
Middle curve:
Input voltage 1000V / DIV
Lower curve:
Output voltage 20V / DIV
Time scale:
20ms / DIV
Input:
230Vac
Output:
24V, 2.1A
Ambient:
40°C
Input current curve: 10A / DIV, 1ms / DIV
Ipeak
32.4A
The charging current into EMI suppression capacitors is
disregarded in the first microseconds after switch-on.
7. DC-INPUT
DC input
nom.
DC 110-290V -25%/+30%
DC input range
min.
85-375Vdc
Continuous operation
DC input current
typ.
0.50A / 0.19A
110Vdc / 300Vdc at 24V and 2.1A
Turn-on voltage
typ.
81Vdc
Steady state value
Shut-down voltage
typ.
58Vdc
Steady state value
Fig. 7-1 Wiring for DC Input
+
-
Load
L
N
PE
+
-
Power Supply
AC
DC
Battery
internal
fused
Instructions for DC use:
a)
Use a battery or similar DC source.
b)
Connect +pole to L and – pole to N.
c)
Connect the PE terminal to a earth wire or
to the machine ground.
d)
In case the – pole of the battery is not
connected to earth, use an appropriate fuse
to protect the N terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com