Electronic Components Datasheet Search
  English  ▼

X  

ML50.100 Datasheet(PDF) 17 Page - PULS GmbH

Part # ML50.100
Description  SINGLE PHASE INPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML50.100 Datasheet(HTML) 17 Page - PULS GmbH

Back Button ML50.100 Datasheet HTML 12Page - PULS GmbH ML50.100 Datasheet HTML 13Page - PULS GmbH ML50.100 Datasheet HTML 14Page - PULS GmbH ML50.100 Datasheet HTML 15Page - PULS GmbH ML50.100 Datasheet HTML 16Page - PULS GmbH ML50.100 Datasheet HTML 17Page - PULS GmbH ML50.100 Datasheet HTML 18Page - PULS GmbH ML50.100 Datasheet HTML 19Page - PULS GmbH ML50.100 Datasheet HTML 20Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ML50.100, ML50.109
MiniLine
24V, 2.1A, SINGLE PHASE INPUT
Mar. 2007 / Rev. 1.0 DS-ML50.100-EN
All parameters are specified at 24V, 2.1A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/20
27.3. SERIES OPERATION
The power supply can be put in series to increase the output voltage.
Fig. 27-3 Schematic for series operation
Instructions for use in series:
Earth
Unit A
AC
DC
Unit B
AC
DC
-
+
-
+
Load
+
-
a)
It is possible to connect as many units in series as needed,
providing the sum of the output voltage does not exceed
150Vdc.
b)
Voltages with a potential above 60Vdc are not SELV any
more and can be dangerous. Such voltages must be installed
with a protection against touching.
c)
For serial operation use power supplies of the same type.
d)
Earthing of the output is required when the sum of the
output voltage is above 60Vdc.
Note: Avoid return voltage (e.g. from a decelerating motor or
battery) which is applied to the output terminals.
27.4. PARALLEL USE TO INCREASE OUTPUT POWER
Several power supplies can be paralleled to increase the output power. The ML50.100 has no feature included which
balances the load current between the power supplies. Usually the power supply with the higher adjusted output
voltage draws current until it goes into current limitation. This means no harm to this power supply as long as the
ambient temperature stays below 50°C. If a current sharing feature is required, choose the ML50.101 or ML50.111.
Fig. 27-4 Schematic for parallel operation
Instructions for parallel use:
Unit A
AC
DC
Unit B
AC
DC
-
+
-
+
Load
+
-
a)
Use only power supplies from the same series (ML-Series).
b)
Adjust the output voltages of all power supplies to
approximately the same value (±200mV).
c)
A fuse (or diode) on the output is only required if more than
three units are connected in parallel.
d)
Do not load terminals with more than 13A. Follow wiring
instructions according to chapter 27.6
e)
Ensure that the ambient temperature of the power supply
does not exceed 50°C.
27.5. PARALLEL USE FOR REDUNDANCY
Power supplies can be paralleled for redundancy to gain a higher system reliability. Redundant systems require a
certain amount of extra power to support the load in case one power supply unit fails. The simplest way is to put two
MiniLine power supplies in parallel. This is called a 1+1 redundancy. In case one power supply unit fails, the other one
is automatically able to support the load current without any interruption. Redundant systems for a higher power
demand are usually built in a N+1 method. E.g. Five power supplies, each rated for 2.1A are paralleled to build a 8A
redundant system. If one unit fails, the 8A can still be drawn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com