Electronic Components Datasheet Search
  English  ▼

X  

X9470 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 1 Page - Xicor Inc.

  X9470 Datasheet HTML 1Page - Xicor Inc. X9470 Datasheet HTML 2Page - Xicor Inc. X9470 Datasheet HTML 3Page - Xicor Inc. X9470 Datasheet HTML 4Page - Xicor Inc. X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REV 11.16 3/20/03
1 of 25
www.xicor.com
Preliminary Information
RF Power Amplifier (PA) Bias Controller
X9470
FEATURES
•Programmable Bias Controller IC for Class A and
AB LDMOS Power Amplifiers
• Adaptive System on Chip Solution
• Bias Current Calibration to better than ±4%
using Reference Trim DCP
•Automatic Bias Point Tracking and Calibration
— IDQ Sensing and Tracking
—Programmable Instrumentation Amplifier to
Scale Wide Range of IDQ
—Programmable Gate Bias Driver
—All Programmable settings are Nonvolatile
—All Settings Recalled at Power Up.
• 28V Maximum VDD
•2 Wire Interface for Programming Bias Setting
and Optimizing IDQ Set Point
• Bias Level Comparator
• Shutdown Control pin for PA Signal
• Slave address to allow for multiple devices
• 24-pin TSSOP Package
• Applications: Cellular Base Stations (GSM,
UMTS, CDMA, EDGE), TDD applications, Point-
to-multipoint, and other RF power transmission
systems
DESCRIPTION
The Xicor X9470 RF PA Bias Controller contains all of
the necessary analog components to sense the PA
drain current through an external sense resistor and
automatically control the gate bias voltage of an
LDMOS PA. The external sense resistor voltage is
amplified by an instrumentation amplifier and the out-
put of the amplifier along with an external reference
voltage is fed to the inputs of a comparator. The com-
parator output indicates which direction the LDMOS
gate bias voltage will move in the next calibration
cycle. System calibration is accomplished by enabling
the X9470 and providing a clock to the SCL pin. The
LDMOS drain current can be maintained constant over
temperature and aging changes by periodic calibra-
tion. The VOUT pin can be used to monitor the aver-
age power by tracking the drain current. Up to eight
X9470 or additional Xicor Digital Potentiometers can
be controlled via a two-wire serial bus.
TYPICAL APPLICATION
A0
A2
VCC
VSS
V+
AGND
Comparator
choke
RF PA in
RSENSE
VDD
VREF
VSENSE+
VBIAS
INC/DEC
Instrumentation
Amplifier
∆V
CS
VOUT
VSENSE–
RREF
RWREF
RLREF
SHDN
+
–
EEPROM
SCL
SDA
A1
Vbias
control
VREF
control
I2C
interface
Control &
Status Registers
RF
out
RHREF
RBIAS
VP
RHBIAS
RLBIAS
RWBIAS
FILTER
RF Impedance
Matching
CBULK
Class A Example


Similar Part No. - X9470

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9470 INTERSIL-X9470 Datasheet
381Kb / 24P
RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Renesas Technology Corp
X9470 RENESAS-X9470 Datasheet
945Kb / 24P
RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Intersil Corporation
X9470V24I INTERSIL-X9470V24I Datasheet
381Kb / 24P
RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Renesas Technology Corp
X9470V24I RENESAS-X9470V24I Datasheet
945Kb / 24P
RF Power Amplifier (PA) Bias Controller
March 8, 2005
More results

Similar Description - X9470

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2731 MICRO-LINEAR-ML2731 Datasheet
181Kb / 12P
PA Bias Controller
logo
Hitachi Semiconductor
BIC702C HITACHI-BIC702C Datasheet
74Kb / 11P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
Vishay Siliconix
SI9160 VISHAY-SI9160 Datasheet
119Kb / 11P
Controller for RF Power Amplifier Boost Converter
19-Apr-04
logo
Intersil Corporation
X9470 INTERSIL-X9470 Datasheet
381Kb / 24P
RF Power Amplifier (PA) Bias Controller
March 8, 2005
logo
Maxim Integrated Produc...
DS1870 MAXIM-DS1870 Datasheet
816Kb / 28P
LDMOS RF Power-Amplifier Bias Controller
Rev 1; 5/04
DS1870 MAXIM-DS1870_06 Datasheet
372Kb / 28P
LDMOS RF Power-Amplifier Bias Controller
Rev 2; 2/06
logo
Renesas Technology Corp
BIC702C RENESAS-BIC702C Datasheet
174Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC702M RENESAS-BIC702M Datasheet
174Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
Maxim Integrated Produc...
MAX11008 MAXIM-MAX11008 Datasheet
708Kb / 67P
Dual RF LDMOS Bias Controller with Nonvolatile Memory
Rev 0; 11/08
logo
Renesas Technology Corp
X9470 RENESAS-X9470 Datasheet
945Kb / 24P
RF Power Amplifier (PA) Bias Controller
March 8, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com