Electronic Components Datasheet Search
  English  ▼

X  

X9470 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 3 Page - Xicor Inc.

  X9470 Datasheet HTML 1Page - Xicor Inc. X9470 Datasheet HTML 2Page - Xicor Inc. X9470 Datasheet HTML 3Page - Xicor Inc. X9470 Datasheet HTML 4Page - Xicor Inc. X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
ABSOLUTE MAXIMUM RATINGS*
Voltage on V+ (referenced to AGND)....................... 7V
Voltage on VCC (reference to VSS)......................... 7V
Voltage on all RH, RW, RL pins
(reference to AGND): ........................................... 7V
Voltage on Vsense+ or
Vsense- (reference to AGRND).......................... 30V
Voltage on SDA, CS, SCL, SHDN
(reference to AGND) ............... -0.3V to (Vcc + 0.3V)
Current into Output Pin:
..........................................±5mA
Continuous Power Dissipation:........................ 500mW
Operating Temperature range: ...............-40
°C to +85°C
Junction Temperature:........................................... 150
°C
Storage Temperature......................... -65
°C to +150°C
Lead Temperature (Soldering, 10 seconds): ..... 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specifi-
cation is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
device reliability.
ELECTRICAL CHARACTERISTICS
INSTRUMENTATION AMPLIFIER
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C,
unless otherwise noted.)
Symbol
Parameter
Limits
Test Conditions/Notes
Min. Typ. Max. Units
VIN
(10)
Common Mode Input Voltage on
VSENSE+ and VSENSE- pins
20
28
V
Gain 1
Gain from VSENSE to VOUT
(2)
20
V/V
Measured with Status
Register bit SR0=0
Gain 2
Gain from VSENSE to VOUT
(2)
50
V/V
Measured with Status
Register bit SR0=1
VRANGE1
Differential voltage sense range be-
tween VSENSE+ and VSENSE- for gain 1
60
90
mV
Gain = 20
VRANGE2
Differential voltage sense range be-
tween VSENSE+ and VSENSE- for gain 2
40
60
mV
Gain = 50
VOS
Input Offset Voltage
0.5
mV
VSENSE = 40mV to 90mV
TA = 25°C
Av1
Gain 1 Error
Gain = 20 (4)
1.5
%
VSENSE = 60mV to 90mV
TA = 25 to 85°C, Gain = 20
Av2
Gain 2 Error
Gain = 50 (4)
1.5
%
VSENSE = 40mV to 60mV
TA = 25 to 85°C, Gain = 50
Avt1
Total Error, Gain 1
Gain = 20 (5)
-6
1.5
6
%
VSENSE = 60mV to 90mV
TA = 85°C, Gain = 20
10
%
VSENSE = 60mV to 90mV
TA = 25 to 85°C, Gain = 20
Avt2
Total Error, Gain 2
Gain = 50 (5)
-6
1.5
6
%
VSENSE = 40mV to 60mV
TA = 85°C, Gain = 50
10
%
VSENSE = 40mV to 60mV
TA = 25 to 85°C, Gain = 50
At
Long Term Drift
2
%
Avt1 or Avt2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com