Electronic Components Datasheet Search
  English  ▼

X  

X9470 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 3Page - Xicor Inc. X9470 Datasheet HTML 4Page - Xicor Inc. X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. X9470 Datasheet HTML 10Page - Xicor Inc. X9470 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
BIAS ADJUSTMENT CIRCUIT BLOCK
A.C. OPERATING CHARACTERISTICS
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C, unless
otherwise noted.)
A.C. TIMING
Note:
(11) MI in the A.C. timing diagram refers to the minimum incremental change in the VBIAS output due to a change in the wiper position.
Symbol
Parameter
Limits
Units
Min.
Typ.(9)
Max.
tCl
CS to SCL Setup
100
ns
tlD
Vsense Change to
INC/DEC Change
5
µs
tlL
SCL LOW Period
1.5
µs
tlH
SCL HIGH Period
1.5
µs
tlC
(10)
SCL Inactive to
CS Inactive
100
ns
tIW
(10)(11)
SCL to
VBIAS Change
3
µs
tCYC
SCL Cycle Time
3
µs
tR, tF
(10)
SCL Input Rise and Fall Time
500
ns
CS
SCL
INC/DEC
VBIAS
tCI
tIL
tIH
tCYC
tID
tIW
tIC
tF
tR
10%
90%
90%
(Vsense+ –
Vsense-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com