Electronic Components Datasheet Search
  English  ▼

X  

X9470 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 5 Page - Xicor Inc.

  X9470 Datasheet HTML 1Page - Xicor Inc. X9470 Datasheet HTML 2Page - Xicor Inc. X9470 Datasheet HTML 3Page - Xicor Inc. X9470 Datasheet HTML 4Page - Xicor Inc. X9470 Datasheet HTML 5Page - Xicor Inc. X9470 Datasheet HTML 6Page - Xicor Inc. X9470 Datasheet HTML 7Page - Xicor Inc. X9470 Datasheet HTML 8Page - Xicor Inc. X9470 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5 of 25
REV 11.16 3/20/03
www.xicor.com
Preliminary Information
X9470
BIAS ADJUSTMENT DCP CIRCUIT BLOCK
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C, unless
otherwise noted.)
Resolution(10)
1.6
%
Absolute Linearity(6)
-0.2
+0.2
MI(8)
Relative Linearity(7)
-0.2
+0.2
MI(8)
RTOTAL Temperature Coefficient
(10)
±300
ppm/°C
Ratiometric Temperature Coefficient(10)
-20
+20
ppm/°C
CIN
(10)
Potentiometer Capacitances on RHREF
and RLREF
10
pF
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
RTOTAL End to End Resistance Variation
8
10
12
K
Ω
with ±20% variation
Number Taps or Positions
256
VRH
Voltage at the RHBIAS Terminal Voltage
AGND
V+
V
AGND = 0V
VRL
Voltage at the RLBIAS Terminal Voltage
AGND
V+
V
AGND = 0V
VRW
Voltage at the RWBIAS Terminal Voltage
AGND
V+
V
AGND = 0V
Power Rating(10)
2.5
mW
RTOTAL =10 KΩ
Resolution(10)
0.4
%
Absolute Linearity(6)
-1.0
+1.0
MI(8)
Relative Linearity(7)
-1.0
+1.0
MI(8)
RTOTAL Temperature Coefficient
(10)
±300
ppm/°C
Ratiometric Temperature Coefficient(10)
-50
50
ppm/°C
CIN
(10)
Potentiometer Capacitances on RHBIAS
and RLBIAS
10
pF
VBIAS OUTPUT VOLTAGE FOLLOWER
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C,
unless otherwise noted.)
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
10
mV
VOSDRIFT
(10)
Offset Voltage Temperature
Coefficient
10
µV/°C
TA = -40 to +85°C
SR
Output Slew Rate on
VBIAS
0.5
V/
µSRL = 10kΩ, 1nF, ∆VBIAS =
20mV
VBIAS
Voltage Output Swing
1.5
VCC – 0.5
V
IOUT = ±10mA
VREF DCP CIRCUIT BLOCK
Recommended Operating Conditions: (Vcc, V+ = 4.75 to 5.25V; Vsense+, Vsense- = 26V; TA = -40°C to +85°C,
unless otherwise noted.)
Symbol
Parameter
Limits
Test Conditions/Notes
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com