Electronic Components Datasheet Search
  English  ▼

X  

X9470 Datasheet(PDF) 22 Page - Xicor Inc.

Part # X9470
Description  RF Power Amplifier (PA) Bias Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9470 Datasheet(HTML) 22 Page - Xicor Inc.

Back Button X9470 Datasheet HTML 17Page - Xicor Inc. X9470 Datasheet HTML 18Page - Xicor Inc. X9470 Datasheet HTML 19Page - Xicor Inc. X9470 Datasheet HTML 20Page - Xicor Inc. X9470 Datasheet HTML 21Page - Xicor Inc. X9470 Datasheet HTML 22Page - Xicor Inc. X9470 Datasheet HTML 23Page - Xicor Inc. X9470 Datasheet HTML 24Page - Xicor Inc. X9470 Datasheet HTML 25Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Preliminary Information
X9470
22 of 25
REV 11.16 3/20/03
www.xicor.com
WRITE OPERATIONS
Byte Write
For a write operation, the device requires the Slave
Address Byte and the Word Address Bytes. This gives
the master access to any one of the words in the array.
Upon receipt of each address byte, the X9470
responds with an acknowledge. After receiving the
address bytes the X9470 awaits the eight bits of data.
After receiving the 8 data bits, the X9470 again
responds with an acknowledge. The master then termi-
nates the transfer by generating a stop condition. The
X9470 then begins an internal write cycle of the data to
the nonvolatile memory. During the internal write cycle,
the device inputs are disabled, so the device will not
respond to any requests from the master. The SDA out-
put is at high impedance. See Figure 12.
A write to a protected block of memory is ignored, but
will still receive an acknowledge. At the end of the write
command, the X9470 will not initiate an internal write
cycle, and will continue to ACK commands.
Stops and Write Modes
Stop conditions that terminate write operations must
be sent by the master after sending at least 1 full data
byte and it’s associated ACK signal. If a stop is issued
in the middle of a data byte, or before 1 full data byte +
ACK is sent, then the X9470 resets itself without per-
forming the write. The contents of the array are not
affected.
Acknowledge Polling
Disabling of the inputs during nonvolatile write cycles
can be used to take advantage of the typical 5ms write
cycle time. Once the stop condition is issued to indi-
cate the end of the master’s byte load operation, the
X9470 initiates the internal nonvolatile write cycle.
Acknowledge polling can begin immediately. To do this,
the master issues a start condition followed by the
Slave Address Byte for a write or read operation. If the
X9470 is still busy with the nonvolatile write cycle then
no ACK will be returned. When the X9470 has com-
pleted the write operation, an ACK is returned and the
host can proceed with the read or write operation.
Refer to the flow chart in Figure 15.
READ OPERATIONS
There are three basic read operations: Current
Address Read, Random Read, and Sequential Read.
Current Address Read
Internally the X9470 contains an address counter that
maintains the address of the last word read incre-
mented by one. Therefore, if the last read was to
address n, the next read operation would access data
from address n+1. On power up, the address is initial-
ized to 0h. In this way, a current address read immedi-
ately after the power on reset can download the entire
contents of memory starting at the first location. Upon
receipt of the Slave Address Byte with the R/W bit set
to one, the X9470 issues an acknowledge, then trans-
mits eight data bits. The master terminates the read
operation by not responding with an acknowledge dur-
ing the ninth clock and issuing a stop condition. Refer
to Figure 13 for the address, acknowledge, and data
transfer sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com