Electronic Components Datasheet Search
  English  ▼

X  

PIRD20.241 Datasheet(PDF) 11 Page - PULS GmbH

Part # PIRD20.241
Description  DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIRD20.241 Datasheet(HTML) 11 Page - PULS GmbH

Back Button PIRD20.241 Datasheet HTML 7Page - PULS GmbH PIRD20.241 Datasheet HTML 8Page - PULS GmbH PIRD20.241 Datasheet HTML 9Page - PULS GmbH PIRD20.241 Datasheet HTML 10Page - PULS GmbH PIRD20.241 Datasheet HTML 11Page - PULS GmbH PIRD20.241 Datasheet HTML 12Page - PULS GmbH PIRD20.241 Datasheet HTML 13Page - PULS GmbH PIRD20.241 Datasheet HTML 14Page - PULS GmbH PIRD20.241 Datasheet HTML 15Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PIRD20.241
PIANO-Series
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
14. APPROVALS
EC Declaration of Conformity
The CE mark indicates conformance with the EMC directive.
CB Scheme,
Information Technology Equipment
IEC 60950-1
planned
UL 508,
planned
IND. CONT. EQ.
Listed for use as Industrial Control Equipment;
U.S.A. (UL 508) and Canada (C22.2 No. 107-1-01);
E-File: E198865
UL 60950-1,
planned
Recognized for use as Information Technology Equipment,
Level 5; U.S.A. (UL 60950-1) and Canada (C22.2 No. 60950);
E-File: E137006
EAC TR Registration
Registration for the Eurasian Customs Union market
(Russia, Kazakhstan, Belarus)
15. ROHS, REACH AND OTHER FULFILLED STANDARDS
RoHS Directive
Directive 2011/65/EU of the European Parliament and the
Council of June 8th, 2011 on the restriction of the use of
certain hazardous substances in electrical and electronic
equipment.
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
REACH Directive
Sep. 2016 / Rev. 1.0 DS-PIRD20.241
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com