Electronic Components Datasheet Search
  English  ▼

X  

PIRD20.241 Datasheet(PDF) 3 Page - PULS GmbH

Part # PIRD20.241
Description  DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIRD20.241 Datasheet(HTML) 3 Page - PULS GmbH

  PIRD20.241 Datasheet HTML 1Page - PULS GmbH PIRD20.241 Datasheet HTML 2Page - PULS GmbH PIRD20.241 Datasheet HTML 3Page - PULS GmbH PIRD20.241 Datasheet HTML 4Page - PULS GmbH PIRD20.241 Datasheet HTML 5Page - PULS GmbH PIRD20.241 Datasheet HTML 6Page - PULS GmbH PIRD20.241 Datasheet HTML 7Page - PULS GmbH PIRD20.241 Datasheet HTML 8Page - PULS GmbH PIRD20.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PIRD20.241
PIANO-Series
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
1. INTENDED USE
This redundancy module is designed for installation in an enclosure and is intended for the general use such as in
industrial control, office, communication, and instrumentation equipment.
This redundancy module can be used with any type of power supply as long as the maximum output current ratings
are not exceeded. It is suitable for power supplies with constant current overload behavior as well as any kind of
“Hiccup” overload behavior.
Do not use this redundancy module in equipment, where malfunction may cause severe personal injury or threaten
human life.
2. INSTALLATION REQUIREMENTS
This device may only be installed and put into operation by qualified personnel.
This device does not contain serviceable parts.
If damage or malfunction should occur during installation or operation, immediately turn power off and send unit to
the factory for inspection.
Mount the unit on a DIN-rail so that the input terminals are located on the top and the output terminals on the
bottom of the unit.
This device is designed for convection cooling and does not require an external fan. Do not obstruct airflow and do
not cover the ventilation grid (e.g. cable conduits) by more than 30%!
Keep the following installation clearances:
40mm on top,
20mm on the bottom,
5mm on the left and right sides are recommended when the device is loaded permanently with more than 50% of the
rated output current. Increase the side clearance to 15mm in case the adjacent device is a heat source (e.g. another
power supply).
The input must be powered from a SELV source (according to IEC 60950-1), a PELV source (according to IEC 62477-1) or
an Isolated Secondary Circuit (according to UL 508).
WARNING
Risk of electrical shock, fire, personal injury or death.
- Turn power off before working on the device. Protect against inadvertent re-powering.
- Make sure that the wiring is correct by following all local and national codes.
- Do not open, modify or repair the unit.
- Use caution to prevent any foreign objects from entering the housing.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
- Do not touch during power-on and immediately after power-off. Hot surfaces may cause burns.
Sep. 2016 / Rev. 1.0 DS-PIRD20.241
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com