Electronic Components Datasheet Search
  English  ▼

X  

PIRD20.241 Datasheet(PDF) 9 Page - PULS GmbH

Part # PIRD20.241
Description  DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIRD20.241 Datasheet(HTML) 9 Page - PULS GmbH

Back Button PIRD20.241 Datasheet HTML 5Page - PULS GmbH PIRD20.241 Datasheet HTML 6Page - PULS GmbH PIRD20.241 Datasheet HTML 7Page - PULS GmbH PIRD20.241 Datasheet HTML 8Page - PULS GmbH PIRD20.241 Datasheet HTML 9Page - PULS GmbH PIRD20.241 Datasheet HTML 10Page - PULS GmbH PIRD20.241 Datasheet HTML 11Page - PULS GmbH PIRD20.241 Datasheet HTML 12Page - PULS GmbH PIRD20.241 Datasheet HTML 13Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PIRD20.241
PIANO-Series
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
10. ENVIRONMENT
Operational temperature 1)
-40°C to +70°C (-40°F to 158°F)
Reduce output power above +60°C
+55 to +70°C (140°F to 158°F), see Fig. 10-1
Output de-rating
0.5A/°C
Storage temperature
-40 to +85°C (-40°F to 185°F)
For storage and transportation
Humidity 2)
5 to 95% r.H.
IEC 60068-2-30
Vibration sinusoidal 3)
2-17.8Hz: ±1.6mm
17.8-500Hz: 2g
2 hours / axis
IEC 60068-2-6
Shock 3)
30g 6ms, 20g 11ms
3 bumps / direction
18 bumps in total
IEC 60068-2-27
Altitude
0 to 2000m (0 to 6 560ft)
Without any restrictions
2000 to 6000m (6 560 to 20 000ft)
Reduce output power or ambient
temperature, see Fig. 10-2
Altitude de-rating
1.25A/1000m or 5°C/1000m
> 2000m (6500ft), see Fig. 10-2
Over-voltage category
not applicable
The concept of the overvoltage category is
used for equipment energized directly from
the low voltage mains (IEC 60664-1 §4.3.3.2.1).
Degree of pollution
2
IEC 62103, EN 62477-1, not conductive
LABS compatibility
The unit does not release any silicone or other LABS-critical substances and is suitable for
use in paint shops.
1)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
2)
Do not energize while condensation is present
3)
Tested in combination with DIN-Rails according to EN 60715 with a height of 15mm and a thickness of 1.3mm and standard mounting
orientation.
Fig. 10-1 Output current vs. ambient temp.
Fig. 10-2 Output current vs. altitude
Allowed Output Current
0
0
2000
4000
6000m
5
10
15
20
25
30A
normal mode
Altitude
overload / short circuit
A... Tamb < 55°C
B... Tamb < 70°C
A
B
Allowed Output Current
0
0
2000
4000
6000m
5
10
15
20
25
30A
normal mode
Altitude
overload / short circuit
A... Tamb < 55°C
B... Tamb < 70°C
A
B
B
Sep. 2016 / Rev. 1.0 DS-PIRD20.241
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com