Electronic Components Datasheet Search
  English  ▼

X  

PIRD20.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # PIRD20.241
Description  DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIRD20.241 Datasheet(HTML) 4 Page - PULS GmbH

  PIRD20.241 Datasheet HTML 1Page - PULS GmbH PIRD20.241 Datasheet HTML 2Page - PULS GmbH PIRD20.241 Datasheet HTML 3Page - PULS GmbH PIRD20.241 Datasheet HTML 4Page - PULS GmbH PIRD20.241 Datasheet HTML 5Page - PULS GmbH PIRD20.241 Datasheet HTML 6Page - PULS GmbH PIRD20.241 Datasheet HTML 7Page - PULS GmbH PIRD20.241 Datasheet HTML 8Page - PULS GmbH PIRD20.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PIRD20.241
PIANO-Series
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
3. INPUT AND OUTPUT CHARACTERISTICS
Number of inputs
-
2
Number of outputs
-
1
Input voltage
nom.
DC 12-28V ±25%
Input voltage range
-
9-35Vdc
Voltage drop, input to output
typ.
0.46V
at 2x5A, see Fig. 3-1
typ.
0.56V
at 2x10A, see Fig. 3-1
Input current
nom.
2x 0-10A
continuous
nom.
2x 10-16A
for 5 seconds
Peak input current
max.
1000A
for maximal 10ms per input
Output current
nom.
20A
continuous
nom.
20-32A
for 5 seconds
max.
26A *)
at continuous overload or short circuit
Reverse current
max.
4mA
per input, -40°C to +70°C
Reverse voltage
max.
45Vdc
voltage applied to the output, continuously allowed
*)
Ensure that the continuous output current does not exceed 26A. Check the short-circuit current of the power sources and if the power
source can deliver more than 26A together, use an appropriate fuse on the output.
Fig. 3-1 Input to output voltage drop
Fig. 3-2 Test setup for voltage drop measurements
Voltage Drop, typ.
100mV
200mV
300mV
400mV
500mV
600mV
5A
15A
20A
10A
Output:
2x5A
2x2.5A
Input:
2x10A
2x7.5A
0
0
Input, Output Current
A... 25°C
B... 60°C
A
B
V
A
PIC120.241x or
PIC240.241x
24V, 5A or
24V, 10A
+
-
V
A
I1
I2
U1
U2
I1
I2
=
U2
U1 =
Voltage Drop
U1
=
UOUT
-
Output
A
V
IOUT
UOUT
Variable
Load,
0-20A
PIRD20.241
Input 1
Input 2
Output
PIC120.241x or
PIC240.241x
24V, 5A or
24V, 10A
+
-
Sep. 2016 / Rev. 1.0 DS-PIRD20.241
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com