Electronic Components Datasheet Search
  English  ▼

X  

PIRD20.241 Datasheet(PDF) 13 Page - PULS GmbH

Part # PIRD20.241
Description  DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIRD20.241 Datasheet(HTML) 13 Page - PULS GmbH

Back Button PIRD20.241 Datasheet HTML 7Page - PULS GmbH PIRD20.241 Datasheet HTML 8Page - PULS GmbH PIRD20.241 Datasheet HTML 9Page - PULS GmbH PIRD20.241 Datasheet HTML 10Page - PULS GmbH PIRD20.241 Datasheet HTML 11Page - PULS GmbH PIRD20.241 Datasheet HTML 12Page - PULS GmbH PIRD20.241 Datasheet HTML 13Page - PULS GmbH PIRD20.241 Datasheet HTML 14Page - PULS GmbH PIRD20.241 Datasheet HTML 15Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PIRD20.241
PIANO-Series
DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
17. APPLICATION NOTES
17.1. USING ONLY ONE INPUT INSTEAD OF BOTH CHANNELS
Using only one input instead of both is allowed up to a nominal input current of 20A at max. +55°C ambient
temperature.
However, it is always recommended to connect both input path in parallel for reduced power losses and voltage drop.
In cases when this is not possible, the following values can be expected:
Voltage drop, input to output
typ.
585mV
at 1x10A, 25°C, see Fig. 17-1
typ.
645mV
at 1x20A, 25°C, see Fig. 17-1
Power losses
0W
at 0A, 25°C
typ.
5.85W
at 10A, 25°C
typ.
12.9W
at 20A, 25°C
Fig. 17-1 Input to output voltage drop
when only one input is used
Fig. 17-2 Test setup for voltage drop measurements
V
A
PIC480.241
24V, 20A
+
-
I1
U1
Voltage Drop
U1
=
UOUT
-
Output
A
V
IOUT
UOUT
Variable
Load,
0-20A
PIRD20.241
Input 1
Input 2
Output
Input 2
must not
used
Voltage Drop, typ.
200mV
300mV
400mV
500mV
600mV
700mV
5A
15A
20A
10A
0
Input, Output Current
A... 25°C
B... 60°C
A
B
17.2. RECOMMENDATIONS FOR REDUNDANCY
Recommendations for the configuration of redundant power systems:
-
Use three-phase power supplies to gain functional safety if one phase fails.
-
When single-phase power supplies are utilized connect them to different phases or mains circuits if possible.
-
Use separate input fuses for each power supply.
-
Set the power supply in “Parallel-Use” mode if this feature is available
-
It is desirable to set the output voltages of all power supplies to the same value.
Sep. 2016 / Rev. 1.0 DS-PIRD20.241
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com