Electronic Components Datasheet Search
  English  ▼

X  

LM9831 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM9831 Datasheet HTML 1Page - National Semiconductor (TI) LM9831 Datasheet HTML 2Page - National Semiconductor (TI) LM9831 Datasheet HTML 3Page - National Semiconductor (TI) LM9831 Datasheet HTML 4Page - National Semiconductor (TI) LM9831 Datasheet HTML 5Page - National Semiconductor (TI) LM9831 Datasheet HTML 6Page - National Semiconductor (TI) LM9831 Datasheet HTML 7Page - National Semiconductor (TI) LM9831 Datasheet HTML 8Page - National Semiconductor (TI) LM9831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
www.national.com
Digital Output Characteristics for D0-D15, A0-A9, RD, WR, RAS, CAS (DRAM Interface)
VOUT(1)
Logical “1” Output Voltage
VDRAM=4.75V, IOUT=-4mA
VDRAM=2.85V, IOUT=-4mA
2.4
2.4
V (min)
V (min)
VOUT(0)
Logical “0” Output Voltage
VDRAM=4.75V, IOUT=4mA
VDRAM=2.85V, IOUT=4mA
0.4
0.4
V (max)
V (max)
Digital Output Characteristics for A, B, A, B
VOUT(1)
Logical “1” Output Voltage
VDRAM=4.75V, IOUT=-10mA
VDRAM=2.85V, IOUT=-10mA
2.4
2.4
V (min)
V (min)
VOUT(0)
Logical “0” Output Voltage
VDRAM=4.75V, IOUT=4mA
VDRAM=2.85V, IOUT=4mA
0.4
0.4
V (max)
V (max)
Digital Output Characteristics for MISC I/O 1-6, TR1, TR2, ø1, ø2, RS, CP1, CP2, LAMPR, LAMPG, LAMPB
VOUT(1)
Logical “1” Output Voltage
VD=4.75V, IOUT=-4mA
2.4
V (min)
VOUT(0)
Logical “0” Output Voltage
VD=4.75V, IOUT=4mA
0.4
V (max)
Digital Output Characteristics for D+, D-
VOUT(1)
Logical “1” Output Voltage
VD=4.75V, IOUT=-1mA
2.4
V (min)
VOUT(0)
Logical “0” Output Voltage
VD=4.75V, IOUT=3mA
0.4
V (max)
CRYSTAL IN, CRYSTAL OUT Characteristics
XTALOUT DC
CRYSTAL OUT Bias Level (Offset)
0.8
V
XTALOUT AC
CRYSTAL OUT Amplitude
fCRYSTAL = 48MHz
0.8
VP-P
Power Supply Characteristics
IA
Analog Supply Current
(VA pins)
Operating
Suspend
87
1
137
mA (max)
µA (max)
ID
Digital Supply Current
(VD pins)
Operating
Suspend (including IDRAM)
37
14
50
mA (max)
µA (max)
IDRAM
DRAM Supply Current
(VDRAM pins)
Operating, VDRAM = 5V
Operating, VDRAM = 3V
Suspend
10
5
14
21
14
mA (max)
mA (max)
µA (max)
DC and Logic Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC unless otherwise noted,
fCRYSTAL IN= 48MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com