Electronic Components Datasheet Search
  English  ▼

X  

LM9831 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM9831 Datasheet HTML 8Page - National Semiconductor (TI) LM9831 Datasheet HTML 9Page - National Semiconductor (TI) LM9831 Datasheet HTML 10Page - National Semiconductor (TI) LM9831 Datasheet HTML 11Page - National Semiconductor (TI) LM9831 Datasheet HTML 12Page - National Semiconductor (TI) LM9831 Datasheet HTML 13Page - National Semiconductor (TI) LM9831 Datasheet HTML 14Page - National Semiconductor (TI) LM9831 Datasheet HTML 15Page - National Semiconductor (TI) LM9831 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
www.national.com
HORIZONTAL RESOLUTION AND DATAMODE SETTINGS
09
Horizontal DPI Divider
This register determines the horizontal
resolution of the scan.
Scan resolution = Optical resolution divided
by the Horizontal_DPI_Divider.
00 0÷1
00 1÷1.5
01 0÷2
01 1÷3
10 0÷4
10 1÷6
11 0÷8
11 1÷12
Pixel Packing
This register determines how many bits in
each byte of data are transmitted to the host
when DataMode = 0
0 0
1 bit/pixel (1 bit grayscale/3 bit color)
0 1
2 bits/pixel (2 bit grayscale/6 bit color)
1 0
4 bits/pixel (4 bit grayscale/12 bit color)
1 1
8 bits/pixel (8 bit grayscale/24 bit color)
DataMode
When DataMode = 0, the pixel data is fully
processed, going through the Offset,
Shading, Horizontal DPI Adjust, Gamma,
and Pixel Packing blocks.
When DataMode = 1, 14 bit data is extracted
following the Shading Multiplier stage.
Gamma and any other post processing must
be done by the host.
0
1, 2, 4, or 8 bit image data,
as determined by the Pixel Size setting.
1
14 bit image data - sent in 2 bytes, MSB first:
First Byte: 13 12 11 10 09 08 07 06
Second Byte: 05 04 03 02 01 00 XX XX
(XX: bits set to 0)
RESERVED
0A
Reserved
0 0 0 0 0 0 0 0 Write 00 to this register
SENSOR CONFIGURATION
0B
Input Signal Polarity
0 Negative (Most CCD Sensors and Toshiba CIS)
1 Positive (Most CIS Sensors)
CDS On/Off
0
CDS Off
1
CDS On
Standard/Even-Odd Sensor
0
Standard (1 pixels per Ø period)
1
Even/Odd (2 pixels per Ø period)
CIS TR1 Timing Mode
0 0
Off - use standard CCD Timing
01
CIS TR1 Timing Mode 1:
TR1 pulse = exactly one Ø clock,
starting at rising edge of Ø1
10
CIS TR1 Timing Mode 2:
TR1 pulse = exactly one Ø clock,
TR1 centered around Ø1 high.
11
N/A
Fake Optical Black Pixels
(for Dyna-type CIS sensors)
0
Off: Normal operation
1
On: RS pulse held high for entire Optical Black period
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com