Electronic Components Datasheet Search
  English  ▼

X  

LM9831 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9831 Datasheet HTML 3Page - National Semiconductor (TI) LM9831 Datasheet HTML 4Page - National Semiconductor (TI) LM9831 Datasheet HTML 5Page - National Semiconductor (TI) LM9831 Datasheet HTML 6Page - National Semiconductor (TI) LM9831 Datasheet HTML 7Page - National Semiconductor (TI) LM9831 Datasheet HTML 8Page - National Semiconductor (TI) LM9831 Datasheet HTML 9Page - National Semiconductor (TI) LM9831 Datasheet HTML 10Page - National Semiconductor (TI) LM9831 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
www.national.com
Connection Diagram
Ordering Information
Commercial (0°C
≤ T
A ≤ +70°C)
Package
LM9831CCVJD
VJD100A 100 Pin Thin Quad Flatpac
LM9831CCVJDX
VJD100A 100 Pin Thin Quad Flatpac, Tape and Reel
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
VBANDGAP
VREF LO
OSR
VREF MID
OSG
VREF HI
OSB
AGND
VA
A
A
B
B
D0
D15
VDRAM
DGND
D1
D14
D2
D13
D3
D12
D4
D11
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
ø1
TR2
TR1
MISC I/O 6
MISC I/O 5
MISC I/O 4
DGND
VD
MISC I/O 3
MISC I/O 2
MISC I/O 1
PAPER SENSE 1
PAPER SENSE 2
VD
DGND
LAMPB
LAMPG
LAMPR
DGND
VD
24/48
CRYSTAL/EXT CLK
CRYSTAL IN
CRYSTAL OUT
SCL
LM9831VJD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com