Electronic Components Datasheet Search
  English  ▼

X  

LM9831 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button LM9831 Datasheet HTML 33Page - National Semiconductor (TI) LM9831 Datasheet HTML 34Page - National Semiconductor (TI) LM9831 Datasheet HTML 35Page - National Semiconductor (TI) LM9831 Datasheet HTML 36Page - National Semiconductor (TI) LM9831 Datasheet HTML 37Page - National Semiconductor (TI) LM9831 Datasheet HTML 38Page - National Semiconductor (TI) LM9831 Datasheet HTML 39Page - National Semiconductor (TI) LM9831 Datasheet HTML 40Page - National Semiconductor (TI) LM9831 Datasheet HTML 41Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
www.national.com
+Vmotor
+
–
Reset
A
A
Phase A
Invert
Set-Dominant
S/R Flipflop
+Vmotor
B
B
Stepper
Phase A
Stepper
Phase A
Stepper
Phase B
Stepper
Phase B
DAC code for
phase A
3
SENSE1
SENSE2
HIGH CURRENT
GND SENSE
1
Ω
1
Ω
DAC A:
0.110V,
0.175V,
0.325V,
0.425V,
0.465V
Comparators need no hysteresis. SR flipflops are set periodi-
cally by pulse from PWM Generator. Flipflops can only be reset
after SR goes low when Reset (comparator output) is high
(VSENSE > VDAC).
Reset is level sensitive, not edge sensitive.
12MHz
÷1 to 256
8
÷64
PWM
Generator
0/64 to
63/64
high time
6
CR
CR
+
–
Reset
Set-Dominant
S/R Flipflop
3
DAC B:
0.110V,
0.175V,
0.325V,
0.425V,
0.465V
Set
Set
DAC code for
phase B
A
A
Q
Q
Phase B
Invert
B
B
TriState Stepper
Motor Outputs
LM9831
Stepper Motor Current Controller Block Diagram
External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com