Electronic Components Datasheet Search
  English  ▼

X  

LM9831 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM9831 Datasheet HTML 6Page - National Semiconductor (TI) LM9831 Datasheet HTML 7Page - National Semiconductor (TI) LM9831 Datasheet HTML 8Page - National Semiconductor (TI) LM9831 Datasheet HTML 9Page - National Semiconductor (TI) LM9831 Datasheet HTML 10Page - National Semiconductor (TI) LM9831 Datasheet HTML 11Page - National Semiconductor (TI) LM9831 Datasheet HTML 12Page - National Semiconductor (TI) LM9831 Datasheet HTML 13Page - National Semiconductor (TI) LM9831 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
www.national.com
LM9831 Register Listing
Registers in bold boxes are reset to that value on power-up. All register addresses are in hexadecimal. All other numbers are
decimal unless otherwise noted.
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
IMAGE BUFFER (READ ONLY)
00
Pixel (Image) Data
n n n n n n n n One byte of image data.
STATUS REGISTERS (READ ONLY)
01
Image Data Available In Buffer
nn nn nnn n
n*2 (256k x 16 DRAM) or n*8 (1M x 16 DRAM)
kilobytes of image data is available
02
PAPER SENSE 1 State
read clears bit if edge sensitive input.
0False
1True
PAPER SENSE 2 State
read clears bit if edge sensitive input.
0False
1True
MISC I/O 1 State
read clears bit if edge sensitive input.
0False
1True
MISC I/O 2 State
read clears bit if edge sensitive input.
0False
1True
MISC I/O 3 State
read clears bit if edge sensitive input.
0False
1True
MISC I/O 4 State
read clears bit if edge sensitive input.
0False
1True
MISC I/O 5 State
read clears bit if edge sensitive input.
0False
1True
MISC I/O 6 State
read clears bit if edge sensitive input.
0False
1True
DATAPORT REGISTERS
03
DataPort Target
0 0 Offset Coefficient Data
0 1 Gain Coefficient Data
1 0 Gamma Lookup Table
11 N/A
DataPort Target Color
00
Red
0 1
Green
10
Blue
11
N/A
Pause (Read Only)
This bit indicates whether or not the scanner
is currently paused due to a buffer full
condition.
0
Normal State
1
The scanner is currently in the pause/reverse cycle.
DRAM Test
0
Normal Operation
1
DRAM Test mode
04
DataPort Address - MSB
R
/
W
aa aaa a
Address of location to be read/written to.
a = 0 to 4095 for gamma tables,
0 to 16383 for Offset and Gain Coefficient Data
Addresses greater than these are illegal.
Bit D6 of register 4 indicates whether next operation
will be a Read (D6=1) or a Write (D6=0).
05
DataPort Address - LSB
aa aa aaa a
06
DataPort
nn nn nnn n
Data to be read from or written to the address of the
currently selected Dataport Target. The DataPort
Address is automatically incremented whenever one
(gamma data) or two (Gain/Offset Data) bytes are
read from or written to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com