Electronic Components Datasheet Search
  English  ▼

X  

LM9831 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9831
Description  LM9831 42-Bit Color, 1200dpi USB Image Scanner
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9831 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM9831 Datasheet HTML 13Page - National Semiconductor (TI) LM9831 Datasheet HTML 14Page - National Semiconductor (TI) LM9831 Datasheet HTML 15Page - National Semiconductor (TI) LM9831 Datasheet HTML 16Page - National Semiconductor (TI) LM9831 Datasheet HTML 17Page - National Semiconductor (TI) LM9831 Datasheet HTML 18Page - National Semiconductor (TI) LM9831 Datasheet HTML 19Page - National Semiconductor (TI) LM9831 Datasheet HTML 20Page - National Semiconductor (TI) LM9831 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
17
www.national.com
STEPPER MOTOR CONTROL SETTINGS
43
n (Line Skipping)
Part of the “n out of m” function, consisting of
registers 43, 44, and 54 (bits 3-7).
tt
tt
ttt
t
n lines saved in DRAM for every m lines (register 44)
scanned, function bypassed if register value = 0.
n (lines saved per m lines scanned) = 256 - t
t = 256 - n
If t = 0 then function is bypassed.
44
m (Line Skipping)
Part of the “n out of m” function, consisting of
registers 43, 44, and 54 (bits 3-7).
mm mm mmm m
n lines (register 43) saved in DRAM for every m lines
scanned. m = 1 to 255.
If m = 0 then function is bypassed.
45
Full/Microstepping
0 Full Step Mode
1 Microstepping Mode
Current Sensing Phases
= 0 for fullstepping
= 1 for microstepping
0
1 Phase - No microstepping, just kickstart/stop
functions
1
2 Phases - necessary for microstepping
Stepper Motor Phase A Polarity
0
Positive (A/B/A/B Output high = winding energized)
1
Negative (A/B/A/B output low = winding energized)
WARNING: When idle, this setting leaves the motor
energized for unipolar motors, and will destroy bipolar
motor drivers. Keep this bit set to a 0.
Stepper Motor Phase B Polarity
0
Positive (A/B/A/B Output high = winding energized)
1
Negative (A/B/A/B output low = winding energized)
WARNING: When idle, this setting leaves the motor
energized for unipolar motors, and will destroy bipolar
motor drivers. Keep this bit set to a 0.
A, B, A, and B stepper motor status
0
A, B, A, and B output pins in Tri-State
1A, B, A, and B output pins active
46
Scanning Step Size - MSB
n n n n n n n n The step size of one microstep while scanning, in
units of pixel periods (minimum 2)
47
Scanning Step Size - LSB
nn nn nnn n
48
Fast Feed Step Size - MSB
n n n n n n The step size of one microstep while fast feeding, in
units of pixel periods (minimum 2)
49
Fast Feed Step Size - LSB
nn nn nnn n
4A
Fullsteps to Skip at Start of Scan - MSB
n n n n n n n When scan starts, paper is fed forward n full steps (0 -
32767) at highest speed. For “zooming” in flatbeds
4B
Fullsteps to Skip at Start of Scan - LSB
nn nn nnn n
4C
Fullsteps to Scan after PAPER SENSE 2
trips -MSB
n n n n Adds a delay of n (0-4095) full steps between when
PAPER SENSE 2 trips and when the scanning bit is
reset, terminating the scan/motor movement
4D
Fullsteps to Scan after PAPER SENSE 2
trips -LSB
nn nn nnn n
4E
Pause scanning, stop/reverse motor
nn nn nnn n
Pause scan when buffer is n*2 (16 x 256k) or
n*8 (16x1M) kbytes full
4F
Resume scanning, start motor
nn nn nnn n
Resume scan when buffer is n*2 (16 x 256k) or
n*8 (16x1M) kbytes full
50
Full steps to reverse when buffer is full
n n n n n n n (0-63) full steps (0 = do not reverse)
51
Acceleration Profile (stopped)
n n
n (0-3) full step time units pause while stopped
Acceleration Profile (25%)
n n
n (0-3) full steps at 25% speed
Acceleration Profile (50%)
n n
n (0-3) full steps at 50% speed
Default Phase Difference - High Byte
n n 18 bit word used to calculate when motor resumes
after reversing and stopping. 1 < n < 262143. 2 bits in
register 51 are the most significant bits of 18 bit word.
52
Default Phase Difference - Mid Byte
nn nn nnn n
53
Default Phase Difference - Low Byte
nn nn nnn n
54
Lines to Process After Pause/
Lines to Discard after Resume
nn n
n (0-7) lines. This only applies if the motor doesn’t
reverse (reverse steps = 0)
Line Skipping Phase
Part of the “n out of m” function, consisting of
registers 43, 44, and 54 (bits 3-7).
0
Red sensor data arrives before Green sensor
1
Blue sensor data arrives before Green sensor
Line Skipping Color Phase Delay
Part of the “n out of m” function, consisting of
registers 43, 44, and 54 (bits 3-7).
n n n n
n lines, n = 0-15
55
Kickstart steps (fullstepping mode)
n n n Motor gets maximum current for first n (0-7) full steps
Hold Current Timeout
n n n n n
Full step time units (1-31) (do not set to 0)
56
Stepper Motor PWM Frequency
nn nn nnn n
=CRYSTAL OUT/(256*n) (0 < n < 256)
=CRYSTAL OUT/(256*256) (n = 0)
57
Stepper Motor PWM Set Duty Cycle
n n n n n n = minimum of n/64 (default = 0)
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com