Electronic Components Datasheet Search
  English  ▼

X  

LM9833 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 26Page - National Semiconductor (TI) LM9833 Datasheet HTML 27Page - National Semiconductor (TI) LM9833 Datasheet HTML 28Page - National Semiconductor (TI) LM9833 Datasheet HTML 29Page - National Semiconductor (TI) LM9833 Datasheet HTML 30Page - National Semiconductor (TI) LM9833 Datasheet HTML 31Page - National Semiconductor (TI) LM9833 Datasheet HTML 32Page - National Semiconductor (TI) LM9833 Datasheet HTML 33Page - National Semiconductor (TI) LM9833 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30
www.national.com
inputs or outputs.
The state of each pin, True or False (1 or 0), is reflected in the
Status Register.
These are the configurable aspects of these I/O pins:
• Input or Output function. If this bit is set to a 0, the pin is config-
ured as an input. If this bit is set to a 1 the pin is configured as
an output.
• The polarity of the input. If this bit is set to a 1 (Active High), a
high level on that input pin will produce a True reading (1) in the
Status Register. If this bit is set to a 0 (Active Low), a low level
on that input pin will produce a True reading (1) in the Status
Register.
• Level or Edge Sensitive. If this bit is set to 0 (Level Sensitive),
the Status Register will reflect the current state at that sensor
input pin. If this bit is set to 1 (Edge Sensitive), the Status Reg-
ister for that input will be True (1) if there were any False to
True transitions at that sensor input pin since the last time the
Status Register was read. Reading the status register clears
the state of all the edge sensitive inputs to False (0).
• PAPER SENSE 1 can be programmed to stop a scan, high
speed forward, or high speed reverse command (by clearing
the Scanning bit) when its state (as reflected in the Status Reg-
ister) changes from False to True. For flatbed scanners this
sensor can be used to detect the home position. In sheetfed
systems, PAPER SENSE 1 can be used to detect whether or
not the user has inserted a document to be scanned.
• PAPER SENSE 2 can be programmed to stop the scan or high
speed forward (by clearing the Scanning bit), and also set its bit
in the Status Register to True a programmable number of lines
after its input pin changes state from False to True. In sheetfed
scanners this is useful if the PAPER SENSE is located before
the scanner array, where the sensor will change states before
all of the paper has been scanned. This can be used in flatbeds
to prevent the motor from trying to step past the limits of travel
of the system. This input should not be used as the home posi-
tion sensor in flatbed scanners, since it will not stop a high
speed reverse command.
• If they are configured as outputs, the MISC I/O 1-6 pins can
have their outputs set to +5V or 0V by writing a 1 or a 0 to the
appropriate bit.
The default state of the MISC I/O pins is described in detail in the
Register Listing section. The Misc I/O pins revert to their default
states on power-on, after entering USB Suspend, or when the
RESET pin is pulsed high. A Soft Reset (register 07) does not
reset the MISC I/O pins. The default states of the MISC I/O pins
are:
• MISC I/O 1: Input, edge sensitive, high-to-low transition sets bit
2 of register 2.
• MISC I/O 2: Input, edge sensitive, high-to-low transition sets bit
3 of register 2.
• MISC I/O 3: Input, edge sensitive, high-to-low transition sets bit
4 of register 2.
• MISC I/O 4: Output, voltage on MISC I/O 4 pin = VD.
• MISC I/O 5: Output, voltage on MISC I/O 5 pin = VD.
• MISC I/O 6: Output, voltage on MISC I/O 6 pin = 0V.
5.5.1 Adding Function Buttons
Many scanners today feature multiple buttons to select scan,
copy, fax, email, etc. functions. The LM9833’s MISC I/O pins can
be used for these functions. To free up MISC I/O inputs for other
functions, or if more than 6 buttons are required, you can multi-
plex the buttons together. Figure 36 shows how 7 buttons can be
multiplexed into only 3 MISC I/O lines. Figure 37 shows how to
decode the data in register 2 to determine which button was
pressed. This multiplexing technique can easily be scaled to
allow for more or less buttons with the minimum number of MISC
I/O lines.
5.6 The Brains
This is the master control section that keeps track of the position
of the CCD pixel going through the analog front end, the color of
that line of CCDs (for single output CCD illumination control), the
stepper motor, and all other system coordination.
6.0 Communicating with the LM9833
Everything on the LM9833 (configuration settings, image data,
coefficient data, and gamma tables) is accessed through the
Configuration Register. Configuration Register I/O is done
through two steps. The first step is to write the address (0 through
7F) of the configuration register to be read from or written to. The
second access is the data operation (a read or a write) for that
address. The address only needs to be written once. After an
address is written, any number of reads and/or writes may be
made to that address.
Registers 0, 1, and 2 are read-only registers. Writing to these
addresses may affect various counters inside the LM9833 and
Switch
MISC I/O 1
MISC I/O 2
MISC I/O 3
No Switch
Pressed
11
1
A0
0
0
B0
0
1
C0
1
0
D1
0
0
E0
1
1
F1
0
1
G1
1
0
Figure 37: Truth Table for Remote Wakeup With Up To
7 Switches
Figure 36: Remote Wakeup With Up To 7 Switches
AB
C
D
E
F
G
MISC I/O 1
MISC I/O 2
MISC I/O 3
+5V
22k
22k 22k
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com