Electronic Components Datasheet Search
  English  ▼

X  

LM9833 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 28Page - National Semiconductor (TI) LM9833 Datasheet HTML 29Page - National Semiconductor (TI) LM9833 Datasheet HTML 30Page - National Semiconductor (TI) LM9833 Datasheet HTML 31Page - National Semiconductor (TI) LM9833 Datasheet HTML 32Page - National Semiconductor (TI) LM9833 Datasheet HTML 33Page - National Semiconductor (TI) LM9833 Datasheet HTML 34Page - National Semiconductor (TI) LM9833 Datasheet HTML 35Page - National Semiconductor (TI) LM9833 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
www.national.com
7.0 The USB Interface
The LM9833 uses the USB (Universal Serial Bus) interface.
Refer to the LM9833 software package for details on USB com-
munication.
7.1 The USB Pins
Data is received and transmitted through the D+ and D- pins.
These are 3V differential signals. Figure 44 shows the recom-
mended circuitry between the LM9833’s D+ and D- pins and the
scanner’s USB connector.
8.0 Scanning
The following sections describe the typical steps taken to scan an
image.
8.1 Start Scanning - Initiating an Image Scan
An image scan is initiated by writing a Scan command to Register
07. The LM9833 will move the sensor forward the number of full-
steps specified in registers 4A/4B and begin scanning. Scanning
ends when the host writes a new command to the command reg-
ister (Idle, High Speed Forward or High Speed Reverse) or when
PAPER SENSE 1 or PAPER SENSE 2 changes state (if pro-
grammed to do so).
The line buffer is reset when the Scanning bit is SET, not when it
is cleared. The host can continue to read stored data out of the
line buffer after a scan has stopped.
Pixel data is read from configuration register address 00. Regis-
ters at other addresses can be read during a scan (to read the
LM9833’s status registers, abort the scan, etc.).
If for some reason you want to pause the scan for some length of
time and resume later, do NOT stop the scan (return to Idle). Sim-
ply stop reading pixel data. When the buffer fills up, the LM9833
will automatically stop scanning and turn off power to the stepper
motor (when the delay goes beyond the time specified in the Hold
Current Timeout register).
The last 2 bytes of every line is a status word indicating how
much data is in the image buffer at the time the status word was
written. This information is in the 8 LSBs of the status word, and
has the same format as Register 01.
8.2 Reconstructing 8 bit Image Data Received By the PC
When reconstructing an image from the stream of data received
from the LM9833, it is useful to know the format of the data. The
LM9833 does not perform deinterleaving on the pixel data, it
comes out exactly as the sensor sends it. Deinterleaving must be
performed on the host PC.
For a single output CCD/CIS that outputs one line of data with
colors alternating at the line rate, the output format is:
R1, R2, R3, R4,..., Rn-2, Rn-1, Rn (line m)
G1, G2, G3, G4,..., Gn-2, Gn-1, Gn (line m + 1)
B1, B2, B3, B4,..., Bn-2, Bn-1, Bn (line m + 2)
For a triple output CCD/CIS that outputs 3 lines of data (each x
pixels apart in the vertical direction) with colors alternating at the
pixel rate, the output would be:
R1, G1, B1, R2, G2, B2,..., Rn-1, Gn-1, Bn-1, Rn, Gn, Bn
with the Red data representing line m+x, the Green data repre-
senting line m, and the Blue data representing line m-x. “x” is the
separation between lines, which depends on the physical dis-
tance between the R, G, and B sensors and the rate at which the
sensor is moving over the image.
The length of a line of image data sent to the PC depends on sev-
eral factors:
• The range of pixels to be scanned (Data Pixels): Data Pixels =
(Data Pixels End - Data Pixels Start),
• The horizontal resolution set in the configuration register
(HDPI_Divider)
• The number of bits per pixel (1, 2, 4, or 8, called B), and
• The color mode: pixel rate (C=3) or line rate (C=1).
The scanner software on the host must strip the 2 byte status
word from the end of each line before reconstructing the image.
8.2.1 Reconstructing 16 bit Image Data Received By the PC
In the 16 bit Data Mode the Gamma Correction and Pixel Packing
stages are bypassed. Each pixel comes out as 2 bytes instead of
1, doubling the amount of memory needed to store one line. The
data format is shown in Figure 45. This mode is otherwise identi-
cal to the 8 bit mode. The number of bytes per line in 16 bit mode
is given in this equation:
The 16 bit mode is used to acquire 16 bit data for accurate gain
and offset calibration.
8.3 High Speed Forward
When register 07 is set to a 1, the LM9833 moves the motor for-
ward at maximum speed (determined by the fast feed stepsize,
registers 48 and 49) until a 0 is written to register 07 or either one
Figure 44: Recommended USB Component Values
LM9833 D-
(pin 83)
1.5k
22
Ω
LM9833 VREGULATOR
(pin82)
LM9833 D+
(pin 84)
22
Ω
D+ USB
Connector
1M
Ω∗
D- USB
Connector
∗
Optional - forces LM9833 into
suspend mode if USB cable is
not attached to scanner.
10pF 10pF
7654
3
2
1
0
Type
b15 b14 b13 b12 b11 b10
b9
b8
First Byte
b7
b6
b5
b4
b3
b2
b1
b0
Second Byte
Figure 45: 16 bit Data Format
Bytes/Line
2
INT
⋅
INT
Data Pixels
HDPI_Divider
------------------------------------


CB
⋅
⋅
16
------------------------------------------------------------------------





=
Bytes/Line
2
INT
Data Pixels
HDPI_Divider
------------------------------------
() C
⋅⋅
=
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com