Electronic Components Datasheet Search
  English  ▼

X  

LM9833 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 20Page - National Semiconductor (TI) LM9833 Datasheet HTML 21Page - National Semiconductor (TI) LM9833 Datasheet HTML 22Page - National Semiconductor (TI) LM9833 Datasheet HTML 23Page - National Semiconductor (TI) LM9833 Datasheet HTML 24Page - National Semiconductor (TI) LM9833 Datasheet HTML 25Page - National Semiconductor (TI) LM9833 Datasheet HTML 26Page - National Semiconductor (TI) LM9833 Datasheet HTML 27Page - National Semiconductor (TI) LM9833 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
www.national.com
the 2 bit DAC, shown in Figure 9.
4.2 Microstep Mode
Microstepping is a technique of driving the stepper motor with a
staircase approximation of a sine wave, as shown in Figure 10.
This technique maximizes the torque of a given motor, resulting in
a higher maximum speed. In addition, it increases the resolution
of the stepper motor. If a stepper motor moves 3.6° per full step,
microstepping can create positions inside the 3.6°: 1.8°, 0.9°, or
0.45°, for example. This increases the maximum vertical resolu-
tion of the scanner. Microstepping also results in quieter motor
movement.
The amplitude of the microstepped sine wave is controlled by the
output of the stepper motor DAC (Figure 11). The current in the
stepper motor winding is measured as a voltage across the sense
resistor, and the transistor drive signals are pulse width modu-
lated (PWM) to force the average current through the winding
equal to VDAC/RSENSE. Register 56 controls the frequency of the
PWM, and Register 57 controls the minimum time the driver is on
every period. Register 57 should be set as short as possible, the
driver only needs to be on long enough to mask any transient
noise generated by the driver transistor turning on.
Figure 12 shows the LM9833’s DAC voltages. The peak current
through the stepper motor winding will be 0.484V/RSENSE. The
table index is incremented every microstep (StepSize pixel peri-
ods).
4.3 Pause Behavior - Non-Reversing Mode
When the Full Steps to Reverse When Buffer is Full register is
0, the stepper motor simply stops moving when the Pause signal
is received, as shown in Figure 13. The line of data currently
being processed (section “a” in Figure 13) will continue to be pro-
cessed and stored in DRAM. Additional lines may be digitized
and stored as well, depending on the number programmed in the
Lines to Process After Pause Scan Signal register (Figure 14).
This value is different for different scanner designs and should be
empirically set to the value that minimizes the spatial distortion
created by the motor slowing down and stopping.
Scan Mode
DAC Voltage
Starting from
a dead stop
0.484V for number of steps specified
in Kickstart Steps register (0-7). If
register is 0 there is no Kickstart
current-movement begins at 0.347V.
Scanning
0.347V
Stopped
0.133V for number of steps specified
in Hold Current Timeout register (1 -
31), 0V after time out.
Figure 9: Full Step Current Control
Figure 10: Bipolar Microstepping Waveform
A
B
B
A
1 microstep
Table
Index
A (B)
A (B)
DAC
Voltage
00
0
N/A
11
0
0.195V
21
0
0.347V
31
0
0.448V
41
0
0.484V
-0
0
0
N/A
-1
0
1
0.195V
-2
0
1
0.347V
-3
0
1
0.448V
-4
0
1
0.484V
Figure 12: Microstepping Current Control
Figure 11: Stepper Motor Waveform - LM9833 Signals
A
B
B
A
DAC A
DAC B
Figure 13: Stepper Motor Stopping
TR
Microstep
Pulse
Pause
Scanning
Signal
ab
c
d
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com