Electronic Components Datasheet Search
  English  ▼

X  

LM9833 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9833
Description  LM9833 48-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9833 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM9833 Datasheet HTML 15Page - National Semiconductor (TI) LM9833 Datasheet HTML 16Page - National Semiconductor (TI) LM9833 Datasheet HTML 17Page - National Semiconductor (TI) LM9833 Datasheet HTML 18Page - National Semiconductor (TI) LM9833 Datasheet HTML 19Page - National Semiconductor (TI) LM9833 Datasheet HTML 20Page - National Semiconductor (TI) LM9833 Datasheet HTML 21Page - National Semiconductor (TI) LM9833 Datasheet HTML 22Page - National Semiconductor (TI) LM9833 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
www.national.com
MISC I/O PIN SETTINGS
59
MISC I/O 1: Input or Output
0 The MISC I/O 1 pin is configured as an input.
1 The MISC I/O 1 pin is configured as an output.
MISC I/O 1: Polarity
(if configured as an input)
0
A low input on MISC I/O 1 is True
1
A high input on MISC I/O 1 is True
MISC I/O 1: Level/Edge sensitive
(if configured as an input)
0
Level sensitive: MISC I/O 1 State bit (in Status
Register) is set to a 1 if MISC I/O 1 is currently True.
1
Edge sensitive: MISC I/O 1 State bit (in Status
Register) is set to a 1 if MISC I/O 1 has been True
since the last time the Status Register was read.
MISC I/O 1: Output State
(if configured as an output)
Power On/USB Suspend Default: Input
0
The output of the MISC I/O 1 pin will be a logic low
(0V).
1
The output of the MISC I/O 1 pin will be a logic high
(5V).
MISC I/O 2: Input or Output
0
The MISC I/O 2 pin is configured as an input.
1
The MISC I/O 2 pin is configured as an output.
MISC I/O 2: Polarity
(if configured as an input)
0
A low input on MISC I/O 2 is True
1
A high input on MISC I/O 2 is True
MISC I/O 2: Level/Edge sensitive
(if configured as an input)
0
Level sensitive: MISC I/O 2 State bit (in Status
Register) is set to a 1 if MISC I/O 2 is currently True.
1
Edge sensitive: MISC I/O 2 State bit (in Status
Register) is set to a 1 if MISC I/O 2 has been True
since the last time the Status Register was read.
MISC I/O 2: Output State
(if configured as an output)
Power On/USB Suspend Default: Input
0
The output of the MISC I/O 2 pin will be a logic low
(0V).
1
The output of the MISC I/O 2 pin will be a logic high
(5V).
5A
(NEW)
MISC I/O 3: Input or Output
0 The MISC I/O 3 pin is configured as an input.
1 The MISC I/O 3 pin is configured as an output.
MISC I/O 3: Polarity
(if configured as an input)
0
A low input on MISC I/O 3 is True
1
A high input on MISC I/O 3 is True
MISC I/O 3: Level/Edge sensitive
(if configured as an input)
0
Level sensitive: MISC I/O 3 State bit (in Status
Register) is set to a 1 if MISC I/O 3 is currently True.
1
Edge sensitive: MISC I/O 3 State bit (in Status
Register) is set to a 1 if MISC I/O 3 has been True
since the last time the Status Register was read.
MISC I/O 3: Output State
(if configured as an output)
Power On/USB Suspend Default: Input
0
The output of the MISC I/O 3 pin will be a logic low
(0V).
1
The output of the MISC I/O 3 pin will be a logic high
(5V).
MISC I/O 4: Input or Output
0
The MISC I/O 4 pin is configured as an input.
1
The MISC I/O 4 pin is configured as an output.
MISC I/O 4: Polarity
(if configured as an input)
0
A low input on MISC I/O 4 is True
1
A high input on MISC I/O 4 is True
MISC I/O 4: Level/Edge sensitive
(if configured as an input)
0
Level sensitive: MISC I/O 4 State bit (in Status
Register) is set to a 1 if MISC I/O 4 is currently True.
1
Edge sensitive: MISC I/O 4 State bit (in Status
Register) is set to a 1 if MISC I/O 4 has been True
since the last time the Status Register was read.
MISC I/O 4: Output State
(if configured as an output)
Power On/USB Suspend Default: Output,
Logic High
0
The output of the MISC I/O 4 pin will be a logic low
(0V).
1
The output of the MISC I/O 4 pin will be a logic high
(5V).
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
Register Listing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com