Electronic Components Datasheet Search
  English  ▼

X  

TFP410 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410
Description  TI PANEL BUS DIGITAL TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP410 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TFP410 Datasheet HTML 17Page - Texas Instruments TFP410 Datasheet HTML 18Page - Texas Instruments TFP410 Datasheet HTML 19Page - Texas Instruments TFP410 Datasheet HTML 20Page - Texas Instruments TFP410 Datasheet HTML 21Page - Texas Instruments TFP410 Datasheet HTML 22Page - Texas Instruments TFP410 Datasheet HTML 23Page - Texas Instruments TFP410 Datasheet HTML 24Page - Texas Instruments TFP410 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TFP410
TI PanelBus DIGITAL TRANSMITTER
SLDS145A – OCTOBER 2001 – REVISED JANUARY 2002
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
register descriptions (continued)
DE_CNT
Sub-Address = 37–36
Read/Write
Default = 0x0000
7
6
5
4
3
2
1
0
DE_CNT[7:0]
Reserved
DE_CNT[10:8]
These read/write registers define the width of the active display, in pixels, when the DE generator is enabled.
DE_LIN
Sub-Address = 39–38
Read/Write
Default = 0x0000
7
6
5
4
3
2
1
0
DE_LIN[7:0]
Reserved
DE_LIN[10:8]
These read/write registers define the height of the active display, in lines, when the DE generator is enabled.
H_RES
Sub-Address = 3B–3A
Read Only
7
6
5
4
3
2
1
0
H_RES[7:0]
Reserved
H_RES[10:8]
These read-only registers return the number of pixels between consecutive HSYNC pulses.
V_RES
Sub-Address = 3D–3C
Read Only
7
6
5
4
3
2
1
0
V_RES[7:0]
Reserved
V_RES[10:8]
These read-only registers return the number of lines between consecutive VSYNC pulses.
I2C interface
The I2C interface is used to access the internal TFP410 registers. This two-pin interface consists of the SCL
clock line and the SDA serial data line. The basic I2C access cycles are shown in Figure 10 and Figure 11.
Start Condition (S)
Stop Condition (P)
SDA
SCL
Figure 10. I2C Start and Stop Conditions
The basic access write cycle consists of the following:
1.
A start condition
2.
A slave address cycle
3.
A sub-address cycle
4.
Any number of data cycles
5.
A stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com