Electronic Components Datasheet Search
  English  ▼

X  

TFP410 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TFP410
Description  TI PANEL BUS DIGITAL TRANSMITTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP410 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TFP410 Datasheet HTML 18Page - Texas Instruments TFP410 Datasheet HTML 19Page - Texas Instruments TFP410 Datasheet HTML 20Page - Texas Instruments TFP410 Datasheet HTML 21Page - Texas Instruments TFP410 Datasheet HTML 22Page - Texas Instruments TFP410 Datasheet HTML 23Page - Texas Instruments TFP410 Datasheet HTML 24Page - Texas Instruments TFP410 Datasheet HTML 25Page - Texas Instruments TFP410 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
TFP410
TI PanelBus DIGITAL TRANSMITTER
SLDS145A – OCTOBER 2001 – REVISED JANUARY 2002
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PAP (S-PQFP-G64)
PowerPAD
 PLASTIC QUAD FLATPACK
Thermal Pad
(See Note D)
0,13 NOM
0,25
0,45
0,75
Seating Plane
4147702/A 01/98
Gage Plane
0,17
0,27
33
16
48
1
7,50 TYP
49
64
SQ
9,80
1,05
0,95
11,80
12,20
1,20 MAX
10,20
SQ
17
32
0,08
0,50
M
0,08
0
°–7°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com