Electronic Components Datasheet Search
  English  ▼

X  

LMC6492 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6492 Datasheet HTML 1Page - National Semiconductor (TI) LMC6492 Datasheet HTML 2Page - National Semiconductor (TI) LMC6492 Datasheet HTML 3Page - National Semiconductor (TI) LMC6492 Datasheet HTML 4Page - National Semiconductor (TI) LMC6492 Datasheet HTML 5Page - National Semiconductor (TI) LMC6492 Datasheet HTML 6Page - National Semiconductor (TI) LMC6492 Datasheet HTML 7Page - National Semiconductor (TI) LMC6492 Datasheet HTML 8Page - National Semiconductor (TI) LMC6492 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
2000V
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V
+) + 0.3V, (V−) − 0.3V
Supply Voltage (V
+ −V−)
16V
Current at Input Pin
±5mA
Current at Output Pin (Note 3)
±30 mA
Current at Power Supply Pin
40 mA
Lead Temp. (Soldering, 10 sec.)
260˚C
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
150˚C
Operating Conditions (Note 1)
Supply Voltage
2.5V
≤ V+ ≤ 15.5V
Junction Temperature Range
LMC6492AE, LMC6492BE
−40˚C
≤ T
J ≤ +125˚C
LMC6494AE, LMC6494BE
−40˚C
≤ T
J ≤ +125˚C
Thermal Resistance (
θ
JA)
N Package, 8-Pin Molded DIP
108˚C/W
M Package, 8-Pin Surface Mount
171˚C/W
N Package, 14-Pin Molded DIP
78˚C/W
M Package, 14-Pin Surface Mount
118˚C/W
DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes
LMC6492AE
LMC6492BE
Symbol
Parameter
Conditions
Typ
LMC6494AE
LMC6494BE
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.11
3.0
6.0
mV
3.8
6.8
max
TCV
OS
Input Offset Voltage
1.0
µV/˚C
Average Drift
I
B
Input Bias Current
(Note 11)
0.15
200
200
pA max
I
OS
Input Offset Current
(Note 11)
0.075
100
100
pA max
R
IN
Input Resistance
>10
Tera
Ω
C
IN
Common-Mode
3
pF
Input Capacitance
CMRR
Common-Mode
0V
≤ V
CM ≤ 15V
82
65
63
dB
min
Rejection Ratio
V
+ = 15V
60
58
0V
≤ V
CM ≤ 5V
82
65
63
60
58
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V,
82
65
63
dB
Rejection Ratio
V
O = 2.5V
60
58
min
−PSRR
Negative Power Supply
0V
≤ V− ≤ −10V,
82
65
63
dB
Rejection Ratio
V
O = 2.5V
60
58
min
V
CM
Input Common-Mode
V
+ = 5V and 15V
V
− −0.3
−0.25
−0.25
V
Voltage Range
For CMRR
≥ 50 dB
00
max
V
+ + 0.3
V
+ + 0.25
V
+ + 0.25
V
V
+
V
+
min
A
V
Large Signal Voltage Gain
R
L = 2kΩ:
Sourcing
300
V/mV
(Note 7)
Sinking
40
min
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com