Electronic Components Datasheet Search
  English  ▼

X  

LMC6492 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMC6492 Datasheet HTML 1Page - National Semiconductor (TI) LMC6492 Datasheet HTML 2Page - National Semiconductor (TI) LMC6492 Datasheet HTML 3Page - National Semiconductor (TI) LMC6492 Datasheet HTML 4Page - National Semiconductor (TI) LMC6492 Datasheet HTML 5Page - National Semiconductor (TI) LMC6492 Datasheet HTML 6Page - National Semiconductor (TI) LMC6492 Datasheet HTML 7Page - National Semiconductor (TI) LMC6492 Datasheet HTML 8Page - National Semiconductor (TI) LMC6492 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes
LMC6492AE
LMC6492BE
Symbol
Parameter
Conditions
Typ
LMC6494AE
LMC6494BE
Units
(Note 5)
Limit
Limit
(Note 6)
(Note 6)
V
O
Output Swing
V
+ = 5V
4.9
4.8
4.8
V
R
L = 2kΩ to V
+/2
4.7
4.7
min
0.1
0.18
0.18
V
0.24
0.24
max
V
+ = 5V
4.7
4.5
4.5
V
R
L = 600Ω to V
+/2
4.24
4.24
min
0.3
0.5
0.5
V
0.65
0.65
max
V
+ = 15V
14.7
14.4
14.4
V
R
L = 2kΩ to V
+/2
14.0
14.0
min
0.16
0.35
0.35
V
0.5
0.5
max
V
+ = 15V
14.1
13.4
13.4
V
R
L = 600Ω to V
+/2
13.0
13.0
min
0.5
1.0
1.0
V
1.5
1.5
max
I
SC
Output Short Circuit Current
Sourcing, V
O = 0V
25
16
16
mA
min
10
10
V
+ = 5V
Sinking, V
O = 5V
22
11
11
88
I
SC
Output Short Circuit Current
Sourcing, V
O = 0V
30
28
28
20
20
V
+ = 15V
Sinking, V
O = 5V
(Note 8)
30
30
30
22
22
I
S
Supply Current
LMC6492
1.0
1.75
1.75
mA
V
+ = +5V, V
O = V
+/2
2.1
2.1
max
LMC6492
1.3
1.95
1.95
mA
V
+ = +15V, V
O = V
+/2
2.3
2.3
max
LMC6494
2.0
3.5
3.5
mA
V
+ = +5V, V
O = V
+/2
4.2
4.2
max
LMC6494
2.6
3.9
3.9
mA
V
+ = +15V, V
O = V
+/2
4.6
4.6
max
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com