Electronic Components Datasheet Search
  English  ▼

X  

LMC6492 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6492
Description  CMOS Rail-to-Rail Input and Output Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6492 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMC6492 Datasheet HTML 10Page - National Semiconductor (TI) LMC6492 Datasheet HTML 11Page - National Semiconductor (TI) LMC6492 Datasheet HTML 12Page - National Semiconductor (TI) LMC6492 Datasheet HTML 13Page - National Semiconductor (TI) LMC6492 Datasheet HTML 14Page - National Semiconductor (TI) LMC6492 Datasheet HTML 15Page - National Semiconductor (TI) LMC6492 Datasheet HTML 16Page - National Semiconductor (TI) LMC6492 Datasheet HTML 17Page - National Semiconductor (TI) LMC6492 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Circuits (Continued)
This low-pass filter circuit can be used as an anti-aliasing fil-
ter with the same supply as the A/D converter. Filter designs
can also take advantage of the LMC6492/4 ultra-low input
current. The ultra-low input current yields negligible offset er-
ror even when large value resistors are used. This in turn al-
lows the use of smaller valued capacitors which take less
board space and cost less.
Dielectric absorption and leakage is minimized by using a
polystyrene or polypropylene hold capacitor. The droop rate
is primarily determined by the value of C
H and diode leakage
current. Select low-leakage current diodes to minimize
drooping.
In a manifold absolute pressure sensor application, a strain
gauge is mounted on the intake manifold in the engine unit.
Manifold pressure causes the sensing resistors, R1, R2, R3
High Input Z, DC Differential Amplifier
DS012049-19
For
(CMRR depends on this resistor ratio match)
As shown: VO = 2(V2 −V1)
Photo Voltaic-Cell Amplifier
DS012049-20
Instrumentation Amplifier
DS012049-21
If R1 = R5, R3 = R6, and R4 = R7; then
∴A
V ≈ 100 for circuit shown (R2 = 9.3k).
Rail-to-Rail Single Supply Low Pass Filter
DS012049-22
Low Voltage Peak Detector with Rail-to-Rail Peak
Capture Range
DS012049-23
Pressure Sensor
DS012049-24
Rf = Rx
Rf >> R1, R2, R3, and R4
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com